Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 174 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 174 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 170Page - Texas Instruments SPRUG13 Datasheet HTML 171Page - Texas Instruments SPRUG13 Datasheet HTML 172Page - Texas Instruments SPRUG13 Datasheet HTML 173Page - Texas Instruments SPRUG13 Datasheet HTML 174Page - Texas Instruments SPRUG13 Datasheet HTML 175Page - Texas Instruments SPRUG13 Datasheet HTML 176Page - Texas Instruments SPRUG13 Datasheet HTML 177Page - Texas Instruments SPRUG13 Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 7-79. RapidIO Control Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
02D0 0238
DOORBELL3_ICCR
DOORBELL Interrupt Condition Clear Register 3
02D0 023C
-
Reserved
02D0 0240
RX_CPPI_ICSR
RX CPPI Interrupt Condition Status Register
02D0 0244
-
Reserved
02D0 0248
RX_CPPI_ICCR
RX CPPI Interrupt Condition Clear Register
02D0 024C
-
Reserved
02D0 0250
TX_CPPI_ICSR
TX CPPI Interrupt Condition Status Register
02D0 0254
-
Reserved
02D0 0258
TX_CPPI_ICCR
TX CPPI Interrupt Condition Clear Register
02D0 025C
-
Reserved
02D0 0260
LSU_ICSR
LSU Interrupt Condition Status Register
02D0 0264
-
Reserved
02D0 0268
LSU_ICCR
LSU Interrupt Condition Clear Register
02D0 026C
-
Reserved
02D0 0270
ERR_RST_EVNT_ICSR
Error, Reset, and Special Event Interrupt Condition Status
Register
02D0 0274
-
Reserved
02D0 0278
ERR_RST_EVNT_ICCR
Error, Reset, and Special Event Interrupt Condition Clear
Register
02D0 027C
-
Reserved
02D0 0280
DOORBELL0_ICRR
DOORBELL0 Interrupt Condition Routing Register
02D0 0284
DOORBELL0_ICRR2
DOORBELL 0 Interrupt Condition Routing Register 2
02D0 0288 - 02D0 028C
-
Reserved
02D0 0290
DOORBELL1_ICRR
DOORBELL1 Interrupt Condition Routing Register
02D0 0294
DOORBELL1_ICRR2
DOORBELL 1 Interrupt Condition Routing Register 2
02D0 0298 - 02D0 029C
-
Reserved
02D0 02A0
DOORBELL2_ICRR
DOORBELL2 Interrupt Condition Routing Register
02D0 02A4
DOORBELL2_ICRR2
DOORBELL 2 Interrupt Condition Routing Register 2
02D0 02A8 - 02D0 02AC
-
Reserved
02D0 02B4
DOORBELL3_ICRR2
DOORBELL 3 Interrupt Condition Routing Register 2
02D0 02B8 - 02D0 02BC
-
Reserved
02D0 02C0
RX_CPPI _ICRR
Receive CPPI Interrupt Condition Routing Register
02D0 02C4
RX_CPPI _ICRR2
Receive CPPI Interrupt Condition Routing Register 2
02D0 02C8 - 02D0 02CC
-
Reserved
02D0 02D0
TX_CPPI _ICRR
Transmit CPPI Interrupt Condition Routing Register
02D0 02D4
TX_CPPI _ICRR2
Transmit CPPI Interrupt Condition Routing Register 2
02D0 02D8 - 02D0 02DC
-
Reserved
02D0 02E0
LSU_ICRR0
LSU Interrupt Condition Routing Register 0
02D0 02E4
LSU_ICRR1
LSU Interrupt Condition Routing Register 1
02D0 02E8
LSU_ICRR2
LSU Interrupt Condition Routing Register 2
02D0 02EC
LSU_ICRR3
LSU Interrupt Condition Routing Register 3
02D0 02F0
ERR_RST_EVNT_ICRR
Error, Reset, and Special Event Interrupt Condition
Routing Register
02D0 02F4
ERR_RST_EVNT_ICRR2
Error, Reset, and Special Event Interrupt Condition
Routing Register 2
02D0 02F8
ERR_RST_EVNT_ICRR3
Error, Reset, and Special Event Interrupt Condition
Routing Register 3
02D0 02FC
-
Reserved
02D0 0300
INTDST0_DECODE
INTDST Interrupt Status Decode Register 0
174
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com