Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 178 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 178 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 174Page - Texas Instruments SPRUG13 Datasheet HTML 175Page - Texas Instruments SPRUG13 Datasheet HTML 176Page - Texas Instruments SPRUG13 Datasheet HTML 177Page - Texas Instruments SPRUG13 Datasheet HTML 178Page - Texas Instruments SPRUG13 Datasheet HTML 179Page - Texas Instruments SPRUG13 Datasheet HTML 180Page - Texas Instruments SPRUG13 Datasheet HTML 181Page - Texas Instruments SPRUG13 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 7-79. RapidIO Control Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
02D0 0648
RIO_Queue10_RxDMA_CP
RapidIO Queue10 RX DMA Completion Pointer Register
02D0 06AC
RIO_Queue11_RxDMA_CP
RapidIO Queue11 RX DMA Completion Pointer Register
02D0 06B0
RIO_Queue12_RxDMA_CP
RapidIO Queue12 RX DMA Completion Pointer Register
02D0 06B4
RIO_Queue13_RxDMA_CP
RapidIO Queue13 RX DMA Completion Pointer Register
02D0 06B8
RIO_Queue14_RxDMA_CP
RapidIO Queue14 RX DMA Completion Pointer Register
02D0 06BC
RIO_Queue15_RxDMA_CP
RapidIO Queue15 RX DMA Completion Pointer Register
02D0 06C0 - 02D0 06FC
-
Reserved
02D0 0700
RIO_TXQUEUE_TEAR_DOWN
RapidIO TX Queue Tear Down Register
02D0 0704
RIO_TX_CPPI_FLOW_MASKS0
RapidIO TX CPPI Support Flow Masks 0 Register
02D0 0708
RIO_TX_CPPI_FLOW_MASKS1
RapidIO TX CPPI Support Flow Masks 1 Register
02D0 070C
RIO_TX_CPPI_FLOW_MASKS2
RapidIO TX CPPI Support Flow Masks 2 Register
02D0 0710
RIO_TX_CPPI_FLOW_MASKS3
RapidIO TX CPPI Support Flow Masks 3 Register
02D0 0714
RIO_TX_CPPI_FLOW_MASKS4
RapidIO TX CPPI Support Flow Masks 4 Register
02D0 0718 - 02D0 073C
-
Reserved
02D0 0740
RIO_RX_QUEUE_TEAR_DOWN
RapidIO RX Queue Tear Down Register
02D0 0744
RIO_RX_CPPI_CNTL
RapidIO CPPI Control Register
02D0 0748 - 02D0 07DC
-
Reserved
02D0 07E0
RIO_TX_QUEUE_CNTL0
RapidIO TX Queue Control 0 Register
02D0 07E4
RIO_TX_QUEUE_CNTL1
RapidIO TX Queue Control 1 Register
02D0 07E8
RIO_TX_QUEUE_CNTL2
RapidIO TX Queue Control 2 Register
02D0 07EC
RIO_TX_QUEUE_CNTL3
RapidIO TX Queue Control 3 Register
02D0 07F0 - 02D0 07FC
-
Reserved
02D0 0800
RXU_MAP_L0
Mailbox-to-Queue Mapping Register L0
02D0 0804
RXU_MAP_H0
Mailbox-to-Queue Mapping Register H0
02D0 0808
RXU_MAP_L1
Mailbox-to-Queue Mapping Register L1
02D0 080C
RXU_MAP_H1
Mailbox-to-Queue Mapping Register H1
02D0 0810
RXU_MAP_L2
Mailbox-to-Queue Mapping Register L2
02D0 0814
RXU_MAP_H2
Mailbox-to-Queue Mapping Register H2
02D0 0818
RXU_MAP_L3
Mailbox-to-Queue Mapping Register L3
02D0 081C
RXU_MAP_H3
Mailbox-to-Queue Mapping Register H3
02D0 0820
RXU_MAP_L4
Mailbox-to-Queue Mapping Register L4
02D0 0824
RXU_MAP_H4
Mailbox-to-Queue Mapping Register H4
02D0 0828
RXU_MAP_L5
Mailbox-to-Queue Mapping Register L5
02D0 082C
RXU_MAP_H5
Mailbox-to-Queue Mapping Register H5
02D0 0830
RXU_MAP_L6
Mailbox-to-Queue Mapping Register L6
02D0 0834
RXU_MAP_H6
Mailbox-to-Queue Mapping Register H6
02D0 0838
RXU_MAP_L7
Mailbox-to-Queue Mapping Register L7
02D0 083C
RXU_MAP_H7
Mailbox-to-Queue Mapping Register H7
02D0 0840
RXU_MAP_L8
Mailbox-to-Queue Mapping Register L8
02D0 0844
RXU_MAP_H8
Mailbox-to-Queue Mapping Register H8
02D0 0848
RXU_MAP_L9
Mailbox-to-Queue Mapping Register L9
02D0 084C
RXU_MAP_H9
Mailbox-to-Queue Mapping Register H9
02D0 0850
RXU_MAP_L10
Mailbox-to-Queue Mapping Register L10
02D0 0854
RXU_MAP_H10
Mailbox-to-Queue Mapping Register H10
02D0 0858
RXU_MAP_L11
Mailbox-to-Queue Mapping Register L11
02D0 085C
RXU_MAP_H11
Mailbox-to-Queue Mapping Register H11
02D0 08560
RXU_MAP_L12
Mailbox-to-Queue Mapping Register L12
178
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com