Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 182 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 182 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 178Page - Texas Instruments SPRUG13 Datasheet HTML 179Page - Texas Instruments SPRUG13 Datasheet HTML 180Page - Texas Instruments SPRUG13 Datasheet HTML 181Page - Texas Instruments SPRUG13 Datasheet HTML 182Page - Texas Instruments SPRUG13 Datasheet HTML 183Page - Texas Instruments SPRUG13 Datasheet HTML 184Page - Texas Instruments SPRUG13 Datasheet HTML 185Page - Texas Instruments SPRUG13 Datasheet HTML 186Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 7-79. RapidIO Control Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
02D0 20CC
SP2_ERR_CAPT_DBG1
Port 2 Packet/Control Symbol Error Capture CSR 1
02D0 20D0
SP2_ERR_CAPT_DBG2
Port 2 Packet/Control Symbol Error Capture CSR 2
02D0 20D4
SP2_ERR_CAPT_DBG3
Port 2 Packet/Control Symbol Error Capture CSR 3
02D0 20D8
SP2_ERR_CAPT_DBG4
Port 2 Packet/Control Symbol Error Capture CSR 4
02D0 20E0 - 02D0 20E4
-
Reserved
02D0 20E8
SP2_ERR_RATE
Port 2 Error Rate CSR
02D0 20EC
SP2_ERR_THRESH
Port 2 Error Rate Threshold CSR
02D0 20F0 - 02D0 20FC
-
Reserved
02D0 2100
SP3_ERR_DET
Port 3 Error Detect CSR
02D0 2104
SP3_RATE_EN
Port 3 Error Enable CSR
02D0 2108
SP3_ERR_ATTR_CAPT_DBG0
Port 3 Attributes Error Capture CSR 0
02D0 210C
SP3_ERR_CAPT_DBG1
Port 3 Packet/Control Symbol Error Capture CSR 1
02D0 2110
SP3_ERR_CAPT_DBG2
Port 3 Packet/Control Symbol Error Capture CSR 2
02D0 2114
SP3_ERR_CAPT_DBG3
Port 3 Packet/Control Symbol Error Capture CSR 3
02D0 2118
SP3_ERR_CAPT_DBG4
Port 3 Packet/Control Symbol Error Capture CSR 4
02D0 211C - 02D0 2124
-
Reserved
02D0 2128
SP3_ERR_RATE
Port 3 Error Rate CSR
02D0 212C
SP3_ERR_THRESH
Port 3 Error Rate Threshold CSR
02D0 2130 - 02D1 1FFC
-
Reserved
02D1 2000
SP_IP_DISCOVERY_TIMER
Port IP Discovery Timer in 4x Mode
02D1 2004
SP_IP_MODE
Port IP Mode CSR
02D1 2008
IP_PRESCAL
Port IP Prescaler Register
02D1 200C
-
Reserved
02D1 2010
SP_IP_PW_IN_CAPT0
Port-Write-In Capture CSR Register 0
02D1 2014
SP_IP_PW_IN_CAPT1
Port-Write-In Capture CSR Register 1
02D1 2018
SP_IP_PW_IN_CAPT2
Port-Write-In Capture CSR Register 2
02D1 201C
SP_IP_PW_IN_CAPT3
Port-Write-In Capture CSR Register 3
02D1 2020 - 02D1 3FFC
-
Reserved
02D1 4000
SP0_RST_OPT
Port 0 Reset Option CSR
02D1 4004
SP0_CTL_INDEP
Port 0 Control Independent Register
02D1 4008
SP0_SILENCE_TIMER
Port 0 Silence Timer Register
02D1 400C
SP0_MULT_EVNT_CS
Port 0 Multicast-Event Control Symbol Request Register
02D1 4010
-
Reserved
02D1 4014
SP0_CS_TX
Port 0 Control Symbol Transmit Register
02D1 4018 - 02D1 40FC
-
Reserved
02D1 4100
SP1_RST_OPT
Port 1 Reset Option CSR
02D1 4104
SP1_CTL_INDEP
Port 1 Control Independent Register
02D1 4108
SP1_SILENCE_TIMER
Port 1 Silence Timer Register
02D1 410C
SP1_MULT_EVNT_CS
Port 1 Multicast-Event Control Symbol Request Register
02D1 4110
-
Reserved
02D1 4114
SP1_CS_TX
Port 1 Control Symbol Transmit Register
02D1 4118 - 02D1 42FC
-
Reserved
02D1 4200
SP2_RST_OPT
Port 2 Reset Option CSR
02D1 4204
SP2_CTL_INDEP
Port 2 Control Independent Register
02D1 4208
SP2_SILENCE_TIMER
Port 2 Silence Timer Register
02D1 420C
SP2_MULT_EVNT_CS
Port 2 Multicast-Event Control Symbol Request Register
02D1 4210
-
Reserved
182
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com