Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 183 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 183 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 179Page - Texas Instruments SPRUG13 Datasheet HTML 180Page - Texas Instruments SPRUG13 Datasheet HTML 181Page - Texas Instruments SPRUG13 Datasheet HTML 182Page - Texas Instruments SPRUG13 Datasheet HTML 183Page - Texas Instruments SPRUG13 Datasheet HTML 184Page - Texas Instruments SPRUG13 Datasheet HTML 185Page - Texas Instruments SPRUG13 Datasheet HTML 186Page - Texas Instruments SPRUG13 Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 214 page
background image
2
1
3
4
4
SRIOSGMIIREFCLK(N|P)
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
Table 7-79. RapidIO Control Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
02D1 4214
SP2_CS_TX
Port 2 Control Symbol Transmit Register
02D1 4218 - 02D1 42FC
-
Reserved
02D1 4300
SP3_RST_OPT
Port 3 Reset Option CSR
02D1 4304
SP3_CTL_INDEP
Port 3 Control Independent Register
02D1 4308
SP3_SILENCE_TIMER
Port 3 Silence Timer Register
02D1 430C
SP3_MULT_EVNT_CS
Port 3 Multicast-Event Control Symbol Request Register
02D1 4310
-
Reserved
02D1 4314
SP3_CS_TX
Port 3 Control Symbol Transmit Register
02D1 4318 - 02D2 0FFF
-
Reserved
02D2 1000 - 02DF FFFF
-
Reserved
7.18.3 Serial RapidIO Electrical Data/Timing
Serial RapidIO is electrically compliant with the RapidIO
™ Interconnect Specification, Part VI: Physical
Layer 1x/4x LP-Serial Specification, Revision 1.2.
Table 7-80. Timing Requirements for SRIOSGMIIREFCLK(N|P)(1)
(see Figure 7-43)
NO.
PARAMETERS
MIN
MAX
UNIT
1
tc(SRIOSGMIIREFCLK)
Cycle time, SRIOSGMIIREFCLK(N|P)
3.2
8
ns
2
tw(CLKH)
Pulse duration, CLK(N|P) high
0.4C
ns
3
tw(CLKL)
Pulse duration, CLK(N|P) low
0.4C
ns
4
tt(CLK)
Transition time, CLK(N|P)
50
1300
ps
5
tj(CLK)
Period Jitter (RMS), CLK(N|P)
4
ps
(1)
C=1/SRIOSGMIIREFCLK(N|P)
Figure 7-43. SRIOSGMIIREFCLK(N|P) Timing
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
183
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com