Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 187 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 187 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 183Page - Texas Instruments SPRUG13 Datasheet HTML 184Page - Texas Instruments SPRUG13 Datasheet HTML 185Page - Texas Instruments SPRUG13 Datasheet HTML 186Page - Texas Instruments SPRUG13 Datasheet HTML 187Page - Texas Instruments SPRUG13 Datasheet HTML 188Page - Texas Instruments SPRUG13 Datasheet HTML 189Page - Texas Instruments SPRUG13 Datasheet HTML 190Page - Texas Instruments SPRUG13 Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 214 page
background image
1
2
3
4
TCK
TDO
TDI/TMS
1a
1b
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.20.3 IEEE 1149.1 JTAG
The JTAG interface is used to support boundary scan and emulation of the device. The boundary scan
supported allows for an asynchronous TRST and only the 5 baseline JTAG signals (e.g. no EMU[1:0])
required for boundary scan. Most interfaces on the device follow the Boundary Scan Test Specification
(IEEE1149.1), while all of the SerDes (Antenna Interface, RapidIO, and SGMII) support the AC coupled
net test defined in AC Coupled Net Test Specification (IEEE1149.6).
It is expected that all compliant devices are connected through the same JTAG interface, in daisy-chain
fashion, as per the specification. The JTAG interface uses 1.8-V buffers, compliant with the Power Supply
Voltage and Interface Standard for Nonterminated Digital Integrated Circuit Specification (EAI/JESD8-5).
7.20.3.1 IEEE 1149.1 JTAG Compatibility Statement
For maximum reliability, the C6474 DSP includes an internal pulldown (IPD) on the TRST pin to ensure
that TRST will always be asserted upon power up and the DSP's internal emulation logic will always be
properly initialized when this pin is not routed out. JTAG controllers from Texas Instruments actively drive
TRST high. However, some third-party JTAG controllers may not drive TRST high but expect the use of
an external pullup resistor on TRST. When using this type of JTAG controller, assert TRST to initialize the
DSP after powerup and externally drive TRST high before attempting any emulation or boundary scan
operations.
7.20.3.2 JTAG Electrical Data/Timing
Table 7-85. Timing Requirements for JTAG
(see Figure 7-46)
NO.
PARAMETER
MIN
MAX
UNITS
1
tc(TCK)
Cycle time, TCK
20
ns
1a
tw(TCKH)
Pulse width time TCK high
8
ns
1b
tw(TCKL)
Pulse width time TCK low
8
ns
2
td(TCKL-TDOV)
Delay time, TCK low to TDO valid
0
8
ns
3a
tsu(TDIV-TCKH)
Setup time, TDI valid before TCK high
2
ns
3b
tsu(TMSV-TCKH)
Setup time, TMS valid before TCK high
2
ns
4a
th(TCKH-TDIV)
Hold time, TDI valid after TCK high
10
ns
4b
th(TCKH-TMSV)
Hold time, TMS valid after TCK high
10
ns
Figure 7-46. JTAG Timing
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
187
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com