Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 188 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 188 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 184Page - Texas Instruments SPRUG13 Datasheet HTML 185Page - Texas Instruments SPRUG13 Datasheet HTML 186Page - Texas Instruments SPRUG13 Datasheet HTML 187Page - Texas Instruments SPRUG13 Datasheet HTML 188Page - Texas Instruments SPRUG13 Datasheet HTML 189Page - Texas Instruments SPRUG13 Datasheet HTML 190Page - Texas Instruments SPRUG13 Datasheet HTML 191Page - Texas Instruments SPRUG13 Datasheet HTML 192Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 214 page
background image
1
3
4
2
TCK
EMU[ ]
n
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 7-86. Timing Requirements for HS-RTDX
(see Figure 7-47)
NO.
PARAMETER
MIN
MAX
UNITS
1
tc(TCK)
Cycle time, TCK
20
ns
2
tsu(TCKH-EMUn)
Setup time, EMUn input valid before TCK high
1.5
ns
3
th(TCKH-EMUn)
Hold time, EMUn input valid after TCK high
1.5
ns
4
td(TCKH-EMUn)
Delay time, TCK high to EMUn output valid
3
16.5
ns
5
tpoz(EMUn)
Propagation delay from output to high impedance
3
16.5
ns
6
tpzo (EMUn)
Propagation delay from high impedance to output
3
16.5
ns
Figure 7-47. HS-RTDX Timing
188
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com