Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 114 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 114 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 110Page - Texas Instruments SPRUG18 Datasheet HTML 111Page - Texas Instruments SPRUG18 Datasheet HTML 112Page - Texas Instruments SPRUG18 Datasheet HTML 113Page - Texas Instruments SPRUG18 Datasheet HTML 114Page - Texas Instruments SPRUG18 Datasheet HTML 115Page - Texas Instruments SPRUG18 Datasheet HTML 116Page - Texas Instruments SPRUG18 Datasheet HTML 117Page - Texas Instruments SPRUG18 Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.7.6
Reset Controller Register
The reset type status (RSTYPE) register (029A 00E4) is the only register for the reset controller. This
register falls in the same memory range as the PLL1 controller registers [029A 0000 - 029A 01FF] (see
Table 7-19).
7.7.6.1
Reset Type Status Register Description
The reset type status (RSTYPE) register latches the cause of the last reset. If multiple reset sources occur
simultaneously, this register latches the highest priority reset source. The reset type status register is
shown in Figure 7-6 and described in Table 7-19.
31
16
Reserved
R-0
15
4
3
2
1
0
Reserved
SRST
Rsvd
WRST
POR
R-0
R-0
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 7-6. Reset Type Status Register (RSTYPE) [Hex Address: 029A 00E4]
Table 7-19. Reset Type Status Register (RSTYPE) Field Descriptions
BIT
FIELD
VALUE
DESCRIPTION
31:4
Reserved
Reserved. The reserved bit location is always read as 0. A value written to this field has not effect.
3
SRST
System Reset.
0
System Reset was not the last reset to occur.
1
System Reset was the last reset to occur.
1
WRST
Warm Reset.
0
Warm Reset was not the last reset to occur.
1
Warm Reset was the last reset to occur.
2
Reserved
Reserved. The reserved bit location is always read as 0. A value written to this field has not effect.
0
POR
Power-on Reset.
0
Power-on Reset was not the last reset to occur.
1
Power-on Reset was the last reset to occur.
114
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com