Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 118 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 118 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 114Page - Texas Instruments SPRUG18 Datasheet HTML 115Page - Texas Instruments SPRUG18 Datasheet HTML 116Page - Texas Instruments SPRUG18 Datasheet HTML 117Page - Texas Instruments SPRUG18 Datasheet HTML 118Page - Texas Instruments SPRUG18 Datasheet HTML 119Page - Texas Instruments SPRUG18 Datasheet HTML 120Page - Texas Instruments SPRUG18 Datasheet HTML 121Page - Texas Instruments SPRUG18 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.8.1
PLL1 Controller Device-Specific Information
7.8.1.1
Internal Clocks and Maximum Operating Frequencies
The Main PLL, used to drive all of the cores, the switch fabric, and a majority of the peripheral clocks (all
but the DDR2 clocks) requires a PLL controller to manage the various clock divisions, gating, and
synchronization. The Main PLL controller has seven CPU/6 outputs that are listed below, along with the
clock description. Each CPU/6 has a corresponding divide that divides down the output clock of the PLL.
Note that dividers are not programmable unless explicitly mentioned in the description below.
•
SYSCLK1 - SYSCLK6: Reserved.
•
SYSCLK7: Full-rate clock for all C64x+ Megamodules.
•
SYSCLK8: Reserved.
•
SYSCLK9: 1/3-rate clock (chip_clk3) for the switch fabrics, CIC blocks, and fast peripherals (AIF,
SRIO, TCP, VCP, EDMA).
•
SYSCLK10: 1/6-rate clock (chip_clk6) for other peripherals (PLL Controllers, McBSPs, Timer64s,
Semaphore, EMAC, GPIO, I2C, PSC) and L3 ROM.
•
SYSCLK11: 1/n-rate clock (chip_clks) for an optional McBSP CLKS module input to drive the clock
generator. Default for this will be 1/10. This is programmable from /8 to /32, where this clock does not
violate the max clock of 100 MHz. This clock is also output to the SYSCLKOUT pin.
•
SYSCLK12: 1/2-rate clock used to clock the L2 and L2 Powerdown Controller.
•
SYSCLK13: 1/n-rate clock for trace. Default rate for this will be 1/6. This is programmable from /1 to
/32, where this clock does not violate the max of 333 MHz. Please note that the data rate on the trace
pins are 1/2 of this clock.
7.8.1.2
PLL1 Controller Operating Modes
The PLL1 controller has two modes of operation: bypass mode and PLL mode. The mode of operation is
determined by the PLLEN bit of the PLL control register (PLLCTL). In PLL mode, SYSREFCLK is
generated from the device input clock CLKIN1 and the PLL multiplier PLLM. In bypass mode, CLKIN1 is
fed directly to SYSREFCLK.
All hosts must hold off accesses to the DSP while the frequency of its internal clocks is changing. A
mechanism must be in place such that the DSP notifies the host when the PLL configuration has
completed.
7.8.1.3
PLL1 Stabilization, Lock, and Reset Times
The PLL stabilization time is the amount of time that must be allotted for the internal PLL regulators to
become stable after device powerup. The PLL should not be operated until this stabilization time has
expired.
The PLL reset time is the amount of wait time needed when resetting the PLL (writing PLLRST = 1), in
order for the PLL to properly reset, before bringing the PLL out of reset (writing PLLRST = 0). For the
PLL1 reset time value, see Table 7-23.
The PLL lock time is the amount of time needed from when the PLL is taken out of reset (PLLRST = 1
with PLLEN = 0) to when the PLL controller can be switched to PLL mode (PLLEN = 1). The PLL1 lock
time is given in Table 7-24.
Table 7-23. PLL1 Stabilization, Lock, and Reset Times(1)
MIN
TYPE
MAX
UNIT
PLL1 Stabilization Time
100
μS
PLL Lock Time
2000P
PLL Reset Time
1000
ns
(1)
P = CLKIN1 cycle time in ns.
118
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com