Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 131 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 131 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 127Page - Texas Instruments SPRUG18 Datasheet HTML 128Page - Texas Instruments SPRUG18 Datasheet HTML 129Page - Texas Instruments SPRUG18 Datasheet HTML 130Page - Texas Instruments SPRUG18 Datasheet HTML 131Page - Texas Instruments SPRUG18 Datasheet HTML 132Page - Texas Instruments SPRUG18 Datasheet HTML 133Page - Texas Instruments SPRUG18 Datasheet HTML 134Page - Texas Instruments SPRUG18 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 214 page
background image
2
1
3
4
4
DDRREFCLK(N|P)
5
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.9.1.2
PLL2 Controller Operating Modes
Unlike the PLL1 controller which can operate in by_pass and _PLL mode, the PLL2 controller only
operates in PLL mode. In this mode, SYSREFCLK is generated outside the PLL2 controller by dividing the
output by two.
The PLL2 controller is affected by power-on reset and warm reset. During these resets, the PLL2
controller registers get reset to their default values. The internal clocks of the PLL2 controller are also
affected as described in Section 7.7, Reset Controller.
PLL2 is only unlocked during the power-up sequence (see Section 7.7, Reset Controller) and is locked by
the time the RESETSTAT pin goes high. It does not lose lock during any of the other resets.
7.9.2
PLL2 Controller Input and Output Electrical Data/Timing
Table 7-36. Timing Requirements for DDRREFCLK(N|P)(1)
(see Figure 7-22)
NO.
PARAMETERS
MIN
MAX
UNIT
1
tc(DDRREFCLK)
Cycle time, DDRREFCLK(N|P)
15
25
ns
2
tw(DDRREFCLKH)
Pulse duration, DDRREFCLK(N|P) high
0.4C
ns
3
tw(DDRREFCLKL)
Pulse duration, DDRREFCLK(N|P) low
0.4C
ns
4
tt(DDRREFCLK)
Transition time, DDRREFCLK(N|P)
50
1300
ps
5
tj(DDRREFCLK)
Period jitter (peak-to-peak), DDRREFCLK(N|P)
0.02 x
ps
tc(DDRREFCLK)
(1)
C=1/DDRREFCLK(N|P)
Figure 7-22. DDRREFCLK(N|P) Timing
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
131
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com