Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 134 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 134 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 130Page - Texas Instruments SPRUG18 Datasheet HTML 131Page - Texas Instruments SPRUG18 Datasheet HTML 132Page - Texas Instruments SPRUG18 Datasheet HTML 133Page - Texas Instruments SPRUG18 Datasheet HTML 134Page - Texas Instruments SPRUG18 Datasheet HTML 135Page - Texas Instruments SPRUG18 Datasheet HTML 136Page - Texas Instruments SPRUG18 Datasheet HTML 137Page - Texas Instruments SPRUG18 Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 214 page
background image
2
1
3
4
4
DDRREFCLK(N|P)
5
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.10.3 DDR2 Memory Controller Electrical Data/Timing
The TMS320C6474 DDR2 Implementation Guidelines application report (literature number SPRAAW8)
specifies a complete DDR2 interface solution for the C6474 device as well as a list of compatible DDR2
devices. TI has performed the simulation and system characterization to ensure all DDR2 interface timings
in this solution are met.
TI only supports designs that follow the board design guidelines outlined in the SPRAAW8
application report.
Table 7-38. Timing Requirements for DDRREFCLK(N|P)(1)
(see Figure 7-23)
NO.
PARAMETERS
MIN
MAX
UNIT
1
tc(DDRREFCLK)
Cycle time, DDRREFCLK(N|P)
15
25
ns
2
tw(DDRREFCLKH)
Pulse duration, DDRREFCLK(N|P) high
0.4C
ns
3
tw(DDRREFCLKL)
Pulse duration, DDRREFCLK(N|P) low
0.4C
ns
4
tt(DDRREFCLK)
Transition time, DDRREFCLK(N|P)
50
1300
ps
5
tj(DDRREFCLK)
Period jitter (peak-to-peak), DDRREFCLK(N|P)
0.02 x
ps
tc(DDRREFCLK)
(1)
C=1/DDRREFCLK(N|P)
Figure 7-23. DDRREFCLK(N|P) Timing
134
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com