| Electronic Components Datasheet Search |
|
SPRUG18 Datasheet(PDF) 141 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SPRUG18 Datasheet(HTML) 141 Page - Texas Instruments |
|
141 / 214 page ![]() TMS320C6474 www.ti.com SPRS552H – OCTOBER 2008 – REVISED APRIL 2011 Table 7-42. McBSP 0 Registers (continued) HEX ADDRESS ACRONYM REGISTER NAME 028C 0028 RCERE10 McBSP0 Enhanced Receive Channel Enable Register 0 Partition C/D 028C 002C XCERE10 McBSP0 Enhanced Transmit Channel Enable Register 0 Partition C/D 028C 0030 RCERE20 McBSP0 Enhanced Receive Channel Enable Register 0 Partition E/F 028C 0034 XCERE20 McBSP0 Enhanced Transmit Channel Enable Register 0 Partition E/F 028C 0038 RCERE30 McBSP0 Enhanced Receive Channel Enable Register 0 Partition G/H 028C 003C XCERE30 McBSP0 Enhanced Transmit Channel Enable Register 0 Partition G/H 028C 0040 - 028C 00FF - Reserved The memory map of the McBSP 1 registers is shown in Table 7-43. Table 7-43. McBSP 1 Registers HEX ADDRESS ACRONYM REGISTER NAME 028D 0000 DRR1 McBSP1 Data Receive Register via Configuration Bus. Note: The CPU and EDMA3 controller can only read this register; they can not write to it. 3400 0000 DRR1 McBSP1 Data Receive Register via EDMA3 Bus 028D 0004 DXR1 McBSP1 Data Transmit Register via Configuration Bus 3400 0010 DXR1 McBSP1 Data Transmit Register via EDMA Bus 028D 0008 SPCR1 McBSP1 Serial Port Control Register 028D 000C RCR1 McBSP1 Receive Control Register 028D 0010 XCR1 McBSP1 Transmit Control Register 028D 0014 SRGR1 McBSP1 Sample Rate Generator Register 028D 0018 MCR1 McBSP1 Multichannel Control Register 028D 001C RCERE01 McBSP1 Enhanced Receive Channel Enable Register 0 Partition A/B 028D 0020 XCERE01 McBSP1 Enhanced Transmit Channel Enable Register 0 Partition A/B 028D 0024 PCR1 McBSP1 Pin Control Register 028D 0028 RCERE11 McBSP1 Enhanced Receive Channel Enable Register 0 Partition C/D 028D 002C XCERE11 McBSP1 Enhanced Transmit Channel Enable Register 0 Partition C/D 028D 0030 RCERE21 McBSP1 Enhanced Receive Channel Enable Register 0 Partition E/F 028D 0034 XCERE21 McBSP1 Enhanced Transmit Channel Enable Register 0 Partition E/F 028D 0038 RCERE31 McBSP1 Enhanced Receive Channel Enable Register 0 Partition G/H 028D 003C XCERE3 McBSP1 Enhanced Transmit Channel Enable Register 0 Partition G/H 028D 0040 - 028D 00FF - Reserved Copyright © 2008–2011, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 141 Submit Documentation Feedback Product Folder Link(s) :TMS320C6474 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |