Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 143 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 143 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 139Page - Texas Instruments SPRUG18 Datasheet HTML 140Page - Texas Instruments SPRUG18 Datasheet HTML 141Page - Texas Instruments SPRUG18 Datasheet HTML 142Page - Texas Instruments SPRUG18 Datasheet HTML 143Page - Texas Instruments SPRUG18 Datasheet HTML 144Page - Texas Instruments SPRUG18 Datasheet HTML 145Page - Texas Instruments SPRUG18 Datasheet HTML 146Page - Texas Instruments SPRUG18 Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
Table 7-45. Switching Characteristics Over Recommended Operating Conditions for McBSP(1) (2)
(see Figure 7-28)
NO.
MIN
MAX
UNIT
1
td(CKSH-CKRXH)
Delay time, CLKS high to CLKR/X high for internal CLKR/X
1.4
10
ns
generated from CLKS input.(3)
2
tc(CKRX)
Cycle time, CLKR/X
CLKR/X int
10P(4)
ns
3
tw(CKRX)
Pulse duration, CLKR/X high or
CLKR/X int
C - 1(5)
C + 1(5)
ns
CLKR/X low
4
td(CKRH-FRV)
Delay time, CLKR high to internal
CLKR int
-2.1
3
ns
FSR valid
9
td(CKXH-FXV)
Delay time, CLKX high to internal
CLKX int
-1.7
3
ns
FSX valid
CLKX ext
1.7
9
12
tdis(CKXH-DXHZ)
Disable time, DX high impedance
CLKX int
-3.9
4
ns
following last data bit from CLKX
CLKX ext
2.1
9
high
CLKX int
-3.9 +D1(6)
4 + D2(6)
ns
13
td(CKXH-DXV)
Delay time, CLKX high to DX valid CLKX ext (DXENA = 0)
2.1(6)
9(6)
CLKX ext (DXENA = 1)
2.1 + D1(6)
9 + D2(6)
Delay time, FSX high to DX valid
FSX int
-2.3 + D1(7)
5.6 + D2(7)
ns
14
td(FXH-DXV)
ONLY applies when in data delay
FSX ext
1.9 + D1(7)
9 + D2(7)
0 (XDATDLY = 00b)mode
(1)
CLKRP = CLKXP = FSRP = FSXP = 0. If polarity of any of the signals is inverted, then the timing references of that signal are also
inverted.
(2)
Minimum delay times also represent minimum output hold times.
(3)
The CLKS signal is shared by both McBSP0 and McBSP1 on this device.
(4)
P = 1/CPU clock frequency, in ns. For example, when running parts at 1000 MHz, use P = 1 ns.
(5)
C = H or L S = sample rate generator input clock = 6P if CLKSM = 1 (P = 1/CPU clock frequency)
S = sample rate generator input clock = P_clks if CLKSM = 0 (P_clks = CLKS period)
H = CLKX high pulse width = (CLKGDV/2 + 1) * S if CLKGDV is even
H = (CLKGDV + 1)/2 * S if CLKGDV is odd L = CLKX low pulse width = (CLKGDV/2) * S if CLKGDV is even
L = (CLKGDV + 1)/2 * S if CLKGDV is odd CLKGDV should be set appropriately to ensure the McBSP bit rate does not exceed the
maximum limit (see (4) above).
(6)
Extra delay from CLKX high to DX valid applies only to the first data bit of a device, if and only if DXENA = 1 in SPCR.
if DXENA = 0, then D1 = D2 = 0
if DXENA = 1, then D1 = 6P, D2 = 12P
(7)
Extra delay from FSX high to DX valid applies only to the first data bit of a device, if and only if DXENA = 1 in SPCR.
if DXENA = 0, then D1 = D2 = 0
if DXENA = 1, then D1 = 6P, D2 = 12P
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
143
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com