Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 152 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 152 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 148Page - Texas Instruments SPRUG18 Datasheet HTML 149Page - Texas Instruments SPRUG18 Datasheet HTML 150Page - Texas Instruments SPRUG18 Datasheet HTML 151Page - Texas Instruments SPRUG18 Datasheet HTML 152Page - Texas Instruments SPRUG18 Datasheet HTML 153Page - Texas Instruments SPRUG18 Datasheet HTML 154Page - Texas Instruments SPRUG18 Datasheet HTML 155Page - Texas Instruments SPRUG18 Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 7-55. Ethernet MAC (EMAC) Control Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
02C8 026C
FRAME65T127
Transmit and Receive 65 to 127 Octet Frames Register
02C8 0270
FRAME128T255
Transmit and Receive 128 to 255 Octet Frames Register
02C8 0274
FRAME256T511
Transmit and Receive 256 to 511 Octet Frames Register
02C8 0278
FRAME512T1023
Transmit and Receive 512 to 1023 Octet Frames Register
02C8 027C
FRAME1024TUP
Transmit and Receive 1024 to 1518 Octet Frames Register
02C8 0280
NETOCTETS
Network Octet Frames Register
02C8 0284
RXSOFOVERRUNS
Receive FIFO or DMA Start of Frame Overruns Register
02C8 0288
RXMOFOVERRUNS
Receive FIFO or DMA Middle of Frame Overruns Register
02C8 028C
RXDMAOVERRUNS
Receive DMA Start of Frame and Middle of Frame Overruns
Register
02C8 0300 - 02C8 03FC
-
Reserved
02C8 0400 - 02C8 04FC
-
Reserved
02C8 0500
MACADDRLO
MAC Address Low Bytes Register (used in Receive Address
Matching)
02C8 0504
MACADDRHI
MAC Address High Bytes Register (used in Receive Address
Matching)
02C8 0508
MACINDEX
MAC Index Register
02C8 050C - 02C8 05FC
-
Reserved
02C8 0600
TX0HDP
Transmit Channel 0 DMA Head Descriptor Pointer Register
02C8 0604
TX1HDP
Transmit Channel 1 DMA Head Descriptor Pointer Register
02C8 0608
TX2HDP
Transmit Channel 2 DMA Head Descriptor Pointer Register
02C8 060C
TX3HDP
Transmit Channel 3 DMA Head Descriptor Pointer Register
02C8 0610
TX4HDP
Transmit Channel 4 DMA Head Descriptor Pointer Register
02C8 0614
TX5HDP
Transmit Channel 5 DMA Head Descriptor Pointer Register
02C8 0618
TX6HDP
Transmit Channel 6 DMA Head Descriptor Pointer Register
02C8 061C
TX7HDP
Transmit Channel 7 DMA Head Descriptor Pointer Register
02C8 0620
RX0HDP
Receive Channel 0 DMA Head Descriptor Pointer Register
02C8 0624
RX1HDP
Receive t Channel 1 DMA Head Descriptor Pointer Register
02C8 0628
RX2HDP
Receive Channel 2 DMA Head Descriptor Pointer Register
02C8 062C
RX3HDP
Receive t Channel 3 DMA Head Descriptor Pointer Register
02C8 0630
RX4HDP
Receive Channel 4 DMA Head Descriptor Pointer Register
02C8 0634
RX5HDP
Receive t Channel 5 DMA Head Descriptor Pointer Register
02C8 0638
RX6HDP
Receive Channel 6 DMA Head Descriptor Pointer Register
02C8 063C
RX7HDP
Receive t Channel 7 DMA Head Descriptor Pointer Register
02C8 0640
TX0CP
Transmit Channel 0 Completion Pointer (Interrupt Acknowledge)
Register
02C8 0644
TX1CP
Transmit Channel 1 Completion Pointer (Interrupt Acknowledge)
Register
02C8 0648
TX2CP
Transmit Channel 2 Completion Pointer (Interrupt Acknowledge)
Register
02C8 064C
TX3CP
Transmit Channel 3 Completion Pointer (Interrupt Acknowledge)
Register
02C8 0650
TX4CP
Transmit Channel 4 Completion Pointer (Interrupt Acknowledge)
Register
02C8 0654
TX5CP
Transmit Channel 5 Completion Pointer (Interrupt Acknowledge)
Register
02C8 0658
TX6CP
Transmit Channel 6 Completion Pointer (Interrupt Acknowledge)
Register
02C8 065C
TX7CP
Transmit Channel 7 Completion Pointer (Interrupt Acknowledge)
Register
152
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com