| Electronic Components Datasheet Search |
|
SPRUG18 Datasheet(PDF) 155 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SPRUG18 Datasheet(HTML) 155 Page - Texas Instruments |
|
155 / 214 page ![]() TMS320C6474 www.ti.com SPRS552H – OCTOBER 2008 – REVISED APRIL 2011 Table 7-59. EMAC Interrupt Control (EMIC) Registers (continued) HEX ADDRESS ACRONYM REGISTER NAME 02C8 101C C0_MISC_EN Core 0 Miscellaneous Interrupt Enable Register 02C8 1020 C1_RX_THRESH_EN Core 1 Receive Threshold Interrupt Enable Register 02C8 1024 C1_RX_EN Core 1 Receive Interrupt Enable Register 02C8 1028 C1_RX_EN Core 1 Transmit Interrupt Enable Register 02C8 102C C1_MISC_EN Core 1 Miscellaneous Interrupt Enable Register 02C8 1030 C2_RX_THRESH_EN Core 2 Receive Threshold Interrupt Enable Register 02C8 1034 C2_RX_EN Core 2 Receive Interrupt Enable Register 02C8 1038 C2_RX_EN Core 2 Transmit Interrupt Enable Register 02C8 103C C2_MISC_EN Core 2 Miscellaneous Interrupt Enable Register 02C8 1040 C0_RX_THRESH_STAT Core 0 Receive Threshold Masked Interrupt Status Register 02C8 1044 C0_RX_STAT Core 0 Receive Interrupt Masked Interrupt Status Register 02C8 1048 C0_TX_STAT Core 0 Transmit Interrupt Masked Interrupt Status Register 02C8 104C C0_MISC_STAT Core 0 Miscellaneous Interrupt Masked Interrupt Status Register 02C8 1050 C1_RX_THRESH_STAT Core 1 Receive Threshold Masked Interrupt Status Register 02C8 1054 C1_RX_STAT Core 1 Receive Masked Interrupt Status Register 02C8 1058 C1_TX_STAT Core 1 Transmit Masked Interrupt Status Register 02C8 105C C1_MISC_STAT Core 1 Miscellaneous Masked Interrupt Status Register 02C8 1060 C2_RX_THRESH_STAT Core 2 Receive Threshold Masked Interrupt Status Register 02C8 1064 C2_RX_STAT Core 2 Receive Masked Interrupt Status Register 02C8 1068 C2_TX_STAT Core 2 Transmit Masked Interrupt Status Register 02C8 106C C2_MISC_STAT Core 2 Miscellaneous Masked Interrupt Status Register 02C8 1070 C0_RX_IMAX Core 0 Receive Interrupts Per Millisecond 02C8 1074 C0_TX_IMAX Core 0 Transmit Interrupts Per Millisecond 02C8 1078 C1_RX_IMAX Core 1 Receive Interrupts Per Millisecond 02C8 107C C1_TX_IMAX Core 1 Transmit Interrupts Per Millisecond 02C8 1080 C2_RX_IMAX Core 2 Receive Interrupts Per Millisecond 02C8 1084 C2_TX_IMAX Core 2 Transmit Interrupts Per Millisecond Copyright © 2008–2011, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 155 Submit Documentation Feedback Product Folder Link(s) :TMS320C6474 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |