Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 159 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 159 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 155Page - Texas Instruments SPRUG18 Datasheet HTML 156Page - Texas Instruments SPRUG18 Datasheet HTML 157Page - Texas Instruments SPRUG18 Datasheet HTML 158Page - Texas Instruments SPRUG18 Datasheet HTML 159Page - Texas Instruments SPRUG18 Datasheet HTML 160Page - Texas Instruments SPRUG18 Datasheet HTML 161Page - Texas Instruments SPRUG18 Datasheet HTML 162Page - Texas Instruments SPRUG18 Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.15 Timers
The timers can be used to: time events, count events, generate pulses, interrupt the CPU, and send
synchronization event so the EDMA3 channel controller.
7.15.1 Timers Device-Specific Information
The device has six general purpose timers: Timer0 to Timer5, each of which can be configured as a
general purpose timer or a watchdog timer. When configured as a general-purpose timer, each timer can
be programmed as a 64-bit timer or as two separate 32-bit timers.
Each timer is made up of two 32-bit counters: a high counter and a low counter. The timer pinout is
described in the next section.
7.15.1.1 Timer I/O Selection
Not all timer inputs and outputs are pinned out of the device. The six timers have a flexible (e.g. software
controlled) selection of timer inputs and outputs. At the chip level there are four timer pins, two input pins
(TIMI[1:0]) and two output pins (TIMO[1:0]). Each timer input can be configured to be driven by either of
the timer input pins, or by an FSYNC event (FSEVT[3:2]). Each output pin can be driven by any of the
timer outputs. This is programmable through software via the Timer Pin Manager Block, as shown in the
Figure 7-38. Not shown in the figure is the logic that gates the timer resets that are routed to the PLL
controller, shown in Figure 7-39.
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
159
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com