| Electronic Components Datasheet Search |
|
SPRUG18 Datasheet(PDF) 160 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SPRUG18 Datasheet(HTML) 160 Page - Texas Instruments |
|
160 / 214 page ![]() 1 0 2 3 1 0 2 3 1 0 2 3 1 0 2 3 1 0 2 3 1 0 2 3 1 0 2 3 1 0 2 3 1 0 2 3 1 0 2 3 1 0 2 3 1 0 2 3 0 1 2 3 4 5 6 7 8 91011 0 1 2 3 4 5 6 7 8 91011 Timer64 5 Timer64 4 Timer64 3 Timer642 2 Timer64 1 Timer64 0 FSEVT2 FSEVT3 TINPHSEL 0 TINPLSEL 0 TINPHSEL 1 TINPLSEL 1 TINPHSEL 2 TINPLSEL 2 TINPHSEL 3 TINPLSEL 3 TINPHSEL 4 TINPLSEL 4 TINPHSEL 5 TINPLSEL 5 TOUTSEL 1 TOUTSEL 0 32 CFGSCR (SCRF) TIMI0 TIMI1 TIMO0 TIMO1 vbusp TimerPinManager (TPMGR) SYSCLK/6 TMS320C6474 SPRS552H – OCTOBER 2008 – REVISED APRIL 2011 www.ti.com Figure 7-38. Timer Manager Block Diagram Note that the TMS320C6474 DSP 64-Bit Timer User ’s Guide (literature number SPRUG18) uses different labels for its inputs and outputs. To avoid confusion with respect to numbering, a different convention is used in this document, as shown in Table 7-64. Table 7-64. Timer Pin Naming TIMER SIGNAL NAME RENAMED TO DESCRIPTION n TINP12 TINPLn Timer n input event (low half). Used to drive lower 32-bit timer, 64-bit timer. Used in watchdog mode. n TINP34 TINPHn Timer n input event (high half). Used to drive upper 32-bit timer. Unused in 64-bit or watchdog modes. n TOUT12 TOUTLn Timer n output (low half). Driven by lower 32-bit timer, 64-bit timer, or watchdog timer as either a pulse or waveform. n TOUT34 TOUTHn Timer n output (high half). Driven by upper 32-bit timer as either a pulse or waveform. Unused in 64-bit or watchdog modes. 7.15.1.1.1 Timer Input Selection Register (TINPSEL) Timer input selection is handled in the Timer input selection register (TINPSEL). The TINPSEL register is shown in Figure 7-39 and described in Table 7-65. 160 Peripheral Information and Electrical Specifications Copyright © 2008–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s) :TMS320C6474 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |