Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 157 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 157 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 153Page - Texas Instruments SPRUG18 Datasheet HTML 154Page - Texas Instruments SPRUG18 Datasheet HTML 155Page - Texas Instruments SPRUG18 Datasheet HTML 156Page - Texas Instruments SPRUG18 Datasheet HTML 157Page - Texas Instruments SPRUG18 Datasheet HTML 158Page - Texas Instruments SPRUG18 Datasheet HTML 159Page - Texas Instruments SPRUG18 Datasheet HTML 160Page - Texas Instruments SPRUG18 Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.14 Management Data Input/Output (MDIO)
The Management Data Input/Output (MDIO) module implements the 802.3 serial management interface to
interrogate and controls up to 32 Ethernet PHY(s) connected to the device, using a shared two-wire bus.
Application software uses the MDIO module to configure the auto-negotiation parameters of each PHY
attached to the EMAC, retrieve the negotiation results, and configure required parameters in the EMAC
module for correct operation. The module is designed to allow almost transparent operation of the MDIO
interface, with very little maintenance from the core processor.
The EMAC control module is the main interface between the device core processor, the MDIO module,
and the EMAC module. The relationship between these three components is shown in Figure 7-34.
For more detailed information on the EMAC/MDIO, see the TMS320C6474 DSP EMAC/MDIO Module
Reference Guide (literature number SPRUG08).
7.14.1 MDIO Peripheral Register Description(s)
The memory map of the MDIO is shown in Table 7-61.
Table 7-61. MDIO Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
02C8 1800
VERSION
MDIO Version Register
02C8 1804
CONTROL
MDIO Control Register
02C8 1808
ALIVE
MDIO PHY Alive Status Register
02C8 180C
LINK
MDIO PHY Link Status Register
02C8 1810
LINKINTRAW
MDIO link Status Change Interrupt (unmasked) Register
02C8 1814
LINKINTMASKED
MDIO link Status Change Interrupt (masked) Register
02C8 1818 - 02C8 181C
-
Reserved
02C8 1820
USERINTRAW
MDIO User Command Complete Interrupt (Unmasked) Register
02C8 1824
USERINTMASKED
MDIO User Command Complete Interrupt (Masked) Register
02C8 1828
USERINTMASKSET
MDIO User Command Complete Interrupt Mask Set Register
02C8 182C
USERINTMASKCLEAR
MDIO User Command Complete Interrupt Mask Clear Register
02C8 1830 - 02C8 187C
-
Reserved
02C8 1880
USERACCESS0
MDIO User Access Register 0
02C8 1884
USERPHYSEL0
MDIO User PHY Select Register 0
02C8 1888
USERACCESS1
MDIO User Access Register 1
02C8 188C
USERPHYSEL1
MDIO User PHY Select Register 1
02C8 1890 - 02C8 1FFF
-
Reserved
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
157
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com