Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 180 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 180 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 176Page - Texas Instruments SPRUG18 Datasheet HTML 177Page - Texas Instruments SPRUG18 Datasheet HTML 178Page - Texas Instruments SPRUG18 Datasheet HTML 179Page - Texas Instruments SPRUG18 Datasheet HTML 180Page - Texas Instruments SPRUG18 Datasheet HTML 181Page - Texas Instruments SPRUG18 Datasheet HTML 182Page - Texas Instruments SPRUG18 Datasheet HTML 183Page - Texas Instruments SPRUG18 Datasheet HTML 184Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 7-79. RapidIO Control Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
02D0 0920
FLOW_CNTL8
Flow Control Table Entry Register 8
02D0 0924
FLOW_CNTL9
Flow Control Table Entry Register 9
02D0 0928
FLOW_CNTL10
Flow Control Table Entry Register 10
02D0 092C
FLOW_CNTL11
Flow Control Table Entry Register 11
02D0 0930
FLOW_CNTL12
Flow Control Table Entry Register 12
02D0 0934
FLOW_CNTL13
Flow Control Table Entry Register 13
02D0 0938
FLOW_CNTL14
Flow Control Table Entry Register 14
02D0 093C
FLOW_CNTL15
Flow Control Table Entry Register 15
02D0 0940 - 02D0 0FFC
-
Reserved
02D0 1000
DEV_ID
Device Identity CAR
02D0 1004
DEV_INFO
Device Information CAR
02D0 1008
ASBLY_ID
Assembly Identity CAR
02D0 100C
ASBLY_INFO
Assembly Information CAR
02D0 1010
PE_FEAT
Processing Element Features CAR
02D0 1014
-
Reserved
02D0 1018
SRC_OP
Source Operations CAR
02D0 101C
DEST_OP
Destination Operations CAR
02D0 1020 - 02D0 1048
-
Reserved
02D0 104C
PE_LL_CTL
Processing Element Logical Layer Control CSR
02D0 1050
-
Reserved
02D0 1058
LCL_CFG_HBAR
Local Configuration Space Base Address 0 CSR
02D0 105C
LCL_CFG_BAR
Local Configuration Space Base Address 1
02D0 1060
BASE_ID
Base Device ID CSR
02D0 1064
-
Reserved
02D0 1068
HOST_BASE_ID_LOCK
Host Base Device ID Lock CSR
02D0 106C
COMP_TAG
Component Tag CSR
02D0 1070 - 02D0 10FC
-
Reserved
02D0 1100
SP_MB_HEAD
1x/4x LP_Serial Port Maintenance Block Header
02D0 1104 - 02D0 111C
-
Reserved
02D0 1120
SP_LT_CTL
Port Link Time-Out Control CSR
02D0 1124
SP_RT_CTL
Port Response Time-Out Control CSR
02D0 1128 - 02D0 1138
-
Reserved
02D0 113C
SP_GEN_CTL
Port General Control CSR
02D0 1140
SP0_LM_REQ
Port 0 Link Maintenance Request CSR
02D0 1144
SP0_LM_RESP
Port 0 Link Maintenance Response CSR
02D0 1148
SP0_ACKID_STAT
Port 0 Local AckID Status CSR
02D0 114C - 02D0 1154
-
Reserved
02D0 1158
SP0_ERR_STAT
Port 0 Error and Status CSR
02D0 115C
SP0_CTL
Port 0 Control CSR
02D0 1160
SP1_LM_REQ
Port 1 Link Maintenance Request CSR
02D0 1164
SP1_LM_RESP
Port 1 Link Maintenance Response CSR
02D0 1168
SP1_ACKID_STAT
Port 1 Local AckID Status CSR
02D0 116C - 02D0 1174
-
Reserved
02D0 1178
SP1_ERR_STAT
Port 1 Error and Status CSR
02D0 117C
SP1_CTL
Port 1 Control CSR
02D0 1180
SP2_LM_REQ
Port 2 Link Maintenance Request CSR
02D0 1184
SP2_LM_RESP
Port 2 Link Maintenance Response CSR
180
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com