Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 184 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 184 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 180Page - Texas Instruments SPRUG18 Datasheet HTML 181Page - Texas Instruments SPRUG18 Datasheet HTML 182Page - Texas Instruments SPRUG18 Datasheet HTML 183Page - Texas Instruments SPRUG18 Datasheet HTML 184Page - Texas Instruments SPRUG18 Datasheet HTML 185Page - Texas Instruments SPRUG18 Datasheet HTML 186Page - Texas Instruments SPRUG18 Datasheet HTML 187Page - Texas Instruments SPRUG18 Datasheet HTML 188Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 214 page
background image
1
2
3
4
GPIx
GPOx
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.19 General Purpose Input/Output (GPIO)
On the C6474 device, the GPIO peripheral pins GP[11:0] are used to latch configuration pins. These pins
are sampled at power-on reset and are functional as GPIO pins the remainder of the time. For more
detailed information on device/peripheral configuration and the C6474 device pin muxing, see Section 3,
Device Configuration.
7.19.1 GPIO Peripheral Register Description(s)
Table 7-81. GPIO Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
02B0 0008
BINTEN
GPIO Interrupt per Bank Enable Register
02B0 000C
-
Reserved
02B0 0010
DIR
GPIO Direction Register
02B0 0014
OUT_DATA
GPIO Output Data Register
02B0 0018
SET_DATA
GPIO Set Data Register
02B0 001C
CLR_DATA
GPIO Clear Data Register
02B0 0020
IN_DATA
GPIO Input Data Register
02B0 0024
SET_RIS_TRIG
GPIO Set Rising Edge Interrupt Register
02B0 0028
CLR_RIS_TRIG
GPIO Clear Rising Edge Interrupt Register
02B0 002C
SET_FAL_TRIG
GPIO Set Falling Edge Interrupt Register
02B0 0030
CLR_FAL_TRIG
GPIO Clear Falling Edge Interrupt Register
02B0 008C
-
Reserved
02B0 0090 - 02B0 00FF
-
Reserved
02B0 0100 - 02B0 3FFF
-
Reserved
7.19.2 GPIO Electrical Data/Timing
Table 7-82. Timing Requirements for GPIO Inputs(1)
(see Figure 7-44)
NO.
PARAMETER
MIN
MAX
UNIT
1
tw(GPIH)
Pulse duration, GPIx high
12C - 3
ns
2
tw(GPIL)
Pulse duration, GPIx low
12C - 3
ns
(1)
C = 1/CPU CLK frequency, in ns.
Table 7-83. Switching Characteristics Over Recommended Operating Conditions for GPIO Outputs(1)
(see Figure 7-44)
NO.
PARAMETER
MIN
MAX
UNIT
1
tw(GPOH)
Pulse duration, GPOx high
36C - 8
ns
2
tw(GPOL)
Pulse duration, GPOx low
36C - 8
ns
(1)
C = 1/CPU CLK frequency, in ns.
Figure 7-44. GPIO Timing
184
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com