Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 197 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 197 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 193Page - Texas Instruments SPRUG18 Datasheet HTML 194Page - Texas Instruments SPRUG18 Datasheet HTML 195Page - Texas Instruments SPRUG18 Datasheet HTML 196Page - Texas Instruments SPRUG18 Datasheet HTML 197Page - Texas Instruments SPRUG18 Datasheet HTML 198Page - Texas Instruments SPRUG18 Datasheet HTML 199Page - Texas Instruments SPRUG18 Datasheet HTML 200Page - Texas Instruments SPRUG18 Datasheet HTML 201Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
Table 7-89. Antenna Interface System Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
02BE 30A8
DB_OUT_PKTSW_HEAD10_STS
Data Buffer Outbound Packet Switched FIFO10 Head
Pointer
02BE 30AC
DB_OUT_PKTSW_HEAD11_STS
Data Buffer Outbound Packet Switched FIFO11 Head
Pointer
02BE 30B0
DB_OUT_PKTSW_HEAD12_STS
Data Buffer Outbound Packet Switched FIFO12 Head
Pointer
02BE 30B4
DB_OUT_PKTSW_HEAD13_STS
Data Buffer Outbound Packet Switched FIFO13 Head
Pointer
02BE 30B8
DB_OUT_PKTSW_HEAD14_STS
Data Buffer Outbound Packet Switched FIFO14 Head
Pointer
02BE 30BC
-
Reserved
02BE 30C0
DB_OUT_PKTSW_TAIL0_STS
Data Buffer Outbound Packet Switched FIFO0 Tail Pointer
02BE 30C4
DB_OUT_PKTSW_TAIL1_STS
Data Buffer Outbound Packet Switched FIFO1 Tail Pointer
02BE 30C8
DB_OUT_PKTSW_TAIL2_STS
Data Buffer Outbound Packet Switched FIFO2 Tail Pointer
02BE 30CC
DB_OUT_PKTSW_TAIL3_STS
Data Buffer Outbound Packet Switched FIFO3 Tail Pointer
02BE 30D0
DB_OUT_PKTSW_TAIL4_STS
Data Buffer Outbound Packet Switched FIFO4 Tail Pointer
02BE 30D4
DB_OUT_PKTSW_TAIL5_STS
Data Buffer Outbound Packet Switched FIFO5 Tail Pointer
02BE 30D8
DB_OUT_PKTSW_TAIL6_STS
Data Buffer Outbound Packet Switched FIFO6 Tail Pointer
02BE 30DC
DB_OUT_PKTSW_TAIL7_STS
Data Buffer Outbound Packet Switched FIFO7 Tail Pointer
02BE 30E0
DB_OUT_PKTSW_TAIL8_STS
Data Buffer Outbound Packet Switched FIFO8 Tail Pointer
02BE 30E4
DB_OUT_PKTSW_TAIL9_STS
Data Buffer Outbound Packet Switched FIFO9 Tail Pointer
02BE 30E8
DB_OUT_PKTSW_TAIL10_STS
Data Buffer Outbound Packet Switched FIFO10 Tail
Pointer
02BE 30EC
DB_OUT_PKTSW_TAIL11_STS
Data Buffer Outbound Packet Switched FIFO11 Tail
Pointer
02BE 30F0
DB_OUT_PKTSW_TAIL12_STS
Data Buffer Outbound Packet Switched FIFO12 Tail
Pointer
02BE 30F4
DB_OUT_PKTSW_TAIL13_STS
Data Buffer Outbound Packet Switched FIFO13 Tail
Pointer
02BE 30F8
DB_OUT_PKTSW_TAIL14_STS
Data Buffer Outbound Packet Switched FIFO14 Tail
Pointer
02BE 30FC - 02BE 3FFC
-
Reserved
02BE 4000
PD_LINK0_84CNT_LUT0_CFG
PD 84 Count Look-Up Table bits [31:0]
02BE 4004
PD_LINK0_84CNT_LUT1_CFG
PD 84 Count Look-Up Table bits [63:32]
02BE 4008
PD_LINK0_84CNT_LUT2_CFG
PD 84 Count Look-Up Table bits [83:64]
02BE 400C
PD_LINK0_CPRI_SI_LUT0_CFG
PD CPRI Stream Index LUT0 Register
02BE 4010
PD_LINK0_CPRI_SI_LUT1_CFG
PD CPRI Stream Index LUT1 Register
02BE 4014 - 02BE 47FC
-
Reserved
02BE 4800
PD_LINK1_84CNT_LUT0_CFG
PD 84 Count Look-Up Table bits [31:0]
02BE 4804
PD_LINK1_84CNT_LUT1_CFG
PD 84 Count Look-Up Table bits [63:32]
02BE 4808
PD_LINK1_84CNT_LUT2_CFG
PD 84 Count Look-Up Table bits [83:64]
02BE 480C
PD_LINK1_CPRI_SI_LUT0_CFG
PD CPRI Stream Index LUT0 Register
02BE 4810
PD_LINK1_CPRI_SI_LUT1_CFG
PD CPRI Stream Index LUT1 Register
02BE 4814 - 02BE 4FFC
-
Reserved
02BE 5000
PD_LINK2_84CNT_LUT0_CFG
PD 84 Count Look-Up Table bits [31:0]
02BE 5004
PD_LINK2_84CNT_LUT1_CFG
PD 84 Count Look-Up Table bits [63:32]
02BE 5008
PD_LINK2_84CNT_LUT2_CFG
PD 84 Count Look-Up Table bits [83:64]
02BE 500C
PD_LINK2_CPRI_SI_LUT0_CFG
PD CPRI Stream Index LUT0 Register
02BE 5010
PD_LINK2_CPRI_SI_LUT1_CFG
PD CPRI Stream Index LUT1 Register
02BE 5014 - 02BE 57FC
-
Reserved
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
197
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com