Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 198 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 198 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 194Page - Texas Instruments SPRUG18 Datasheet HTML 195Page - Texas Instruments SPRUG18 Datasheet HTML 196Page - Texas Instruments SPRUG18 Datasheet HTML 197Page - Texas Instruments SPRUG18 Datasheet HTML 198Page - Texas Instruments SPRUG18 Datasheet HTML 199Page - Texas Instruments SPRUG18 Datasheet HTML 200Page - Texas Instruments SPRUG18 Datasheet HTML 201Page - Texas Instruments SPRUG18 Datasheet HTML 202Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 7-89. Antenna Interface System Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
02BE 5800
PD_LINK3_84CNT_LUT0_CFG
PD 84 Count Look-Up Table bits [31:0]
02BE 5804
PD_LINK3_84CNT_LUT1_CFG
PD 84 Count Look-Up Table bits [63:32]
02BE 5808
PD_LINK3_84CNT_LUT2_CFG
PD 84 Count Look-Up Table bits [83:64]
02BE 580C
PD_LINK3_CPRI_SI_LUT0_CFG
PD CPRI Stream Index LUT0 Register
02BE 5810
PD_LINK3_CPRI_SI_LUT1_CFG
PD CPRI Stream Index LUT1 Register
02BE 5814 - 02BE 5FFC
-
Reserved
02BE 6000
PD_LINK4_84CNT_LUT0_CFG
PD 84 Count Look-Up Table bits [31:0]
02BE 6004
PD_LINK4_84CNT_LUT1_CFG
PD 84 Count Look-Up Table bits [63:32]
02BE 6008
PD_LINK4_84CNT_LUT2_CFG
PD 84 Count Look-Up Table bits [83:64]
02BE 600C
PD_LINK4_CPRI_SI_LUT0_CFG
PD CPRI Stream Index LUT0 Register
02BE 6010
PD_LINK4_CPRI_SI_LUT1_CFG
PD CPRI Stream Index LUT1 Register
02BE 6014 - 02BE 67FC
-
Reserved
02BE 6800
PD_LINK5_84CNT_LUT0_CFG
PD 84 Count Look-Up Table bits [31:0]
02BE 6804
PD_LINK5_84CNT_LUT1_CFG
PD 84 Count Look-Up Table bits [63:32]
02BE 6808
PD_LINK5_84CNT_LUT2_CFG
PD 84 Count Look-Up Table bits [83:64]
02BE 680C
PD_LINK5_CPRI_SI_LUT0_CFG
PD CPRI Stream Index LUT0 Register
02BE 6810
PD_LINK5_CPRI_SI_LUT1_CFG
PD CPRI Stream Index LUT1 Register
02BE 6814 - 02BE 6FFC
-
Reserved
02BE 7000
PD_0_CFG
Protocol Decoder Configuration Register 0
02BE 7004
PD_1_CFG
Protocol Decoder Configuration Register 1
02BE 7008
PD_ADR_MUX_SEL_CFG
Protocol Decoder OBSAI Adr Mux Select Register
02BE 700C
PD_TYPE_CIR_LUT_CFG
Protocol Decoder Type CirSw Capture Enable LUT
Register
02BE 7010
PD_TYPE_PKT_LUT_CFG
Protocol Decoder Type PktSw Capture Enable LUT
Register
02BE 7014
PD_TYPE_ERR_LUT_CFG
Protocol Decoder Type Error Register
02BE 7018 - 02BE 77FC
-
Reserved
02BE 7800
PD_ADR_LUT
Protocol Decoder Address Look Up Table Register
02BE 7804 - 02BE 7FFC
-
Reserved
02BE 8000
PE_LINK0_84_EN_LUT0_CFG
PE 84 Count Message Enable bits [31:0]
02BE 8004
PE_LINK0_84_EN_LUT1_CFG
PE 84 Count Message Enable bits [63:32]
02BE 8008
PE_LINK0_84_EN_LUT2_CFG
PE 84 Count Message Enable bits [83:64]
02BE 800C
PE_LINK0_TERM_CNT01_CFG
PE Transmission Rule Terminal Count 0 and 1
02BE 8010
PE_LINK0_TERM_CNT23_CFG
PE Transmission Rule Terminal Count 2 and 3
02BE 8014 - 02BE 81FC
-
Reserved
02BE 8200 - 02BE 834C
PE_LINK0_84CNT_LUT
PE 84 Count LUT RAM
02BE 8350 - 02BE 83FC
-
Reserved
02BE 8400 - 02BE 8450
PE_LINK0_ID_LUT0
PE Identity LUT Part 0 RAM
02BE 8454 - 02BE 84FC
-
Reserved
02BE 8500 - 02BE 8550
PE_LINK0_ID_LUT1
PE Identity LUT Part 1 RAM
02BE 8554 - 02BE 87FC
-
Reserved
02BE 8800
PE_LINK1_84_EN_LUT0_CFG
PE 84 Count Message Enable bits [31:0]
02BE 8804
PE_LINK1_84_EN_LUT1_CFG
PE 84 Count Message Enable bits [63:32]
02BE 8808
PE_LINK1_84_EN_LUT2_CFG
PE 84 Count Message Enable bits [83:64]
02BE 880C
PE_LINK1_TERM_CNT01_CFG
PE Transmission Rule Terminal Count 0 and 1
02BE 8810
PE_LINK1_TERM_CNT23_CFG
PE Transmission Rule Terminal Count 2 and 3
02BE 8814 - 02BE 89FC
-
Reserved
02BE 8A00 - 02BE 8B4C
PE_LINK1_84CNT_LUT
PE 84 Count LUT RAM
198
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com