Electronic Components Datasheet Search
  English  ▼

X  

LBGA256 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LBGA256
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LBGA256 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LBGA256 Datasheet HTML 13Page - NXP Semiconductors LBGA256 Datasheet HTML 14Page - NXP Semiconductors LBGA256 Datasheet HTML 15Page - NXP Semiconductors LBGA256 Datasheet HTML 16Page - NXP Semiconductors LBGA256 Datasheet HTML 17Page - NXP Semiconductors LBGA256 Datasheet HTML 18Page - NXP Semiconductors LBGA256 Datasheet HTML 19Page - NXP Semiconductors LBGA256 Datasheet HTML 20Page - NXP Semiconductors LBGA256 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
17 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
P2_5
K14
J12
D10 131 91
[3]
N;
PU
I/O
SGPIO14 — General purpose digital input/output pin.
I
CTIN_2 — SCT input 2. Capture input 2 of timer 0.
I
USB1_VBUS — Monitors the presence of USB1 bus
power.
Note: This signal must be HIGH for USB reset to occur.
I
ADCTRIG1 — ADC trigger input 1.
I/O
GPIO5[5] — General purpose digital input/output pin.
-
R — Function reserved.
O
T3_MAT2 — Match output 2 of timer 3.
O
USB0_IND0 — USB0 port indicator LED control output 0.
P2_6
K16
J14
G9
137 95
[2]
N;
PU
I/O
SGPIO7 — General purpose digital input/output pin.
I/O
U0_DIR — RS-485/EIA-485 output enable/direction
control for USART0.
I/O
EMC_A10 — External memory address line 10.
O
USB0_IND0 — USB0 port indicator LED control
output 0.
I/O
GPIO5[6] — General purpose digital input/output pin.
I
CTIN_7 — SCT input 7.
I
T3_CAP3 — Capture input 3 of timer 3.
-
R — Function reserved.
P2_7
H14
G12
C10 138 96
[2]
N;
PU
I/O
GPIO0[7] — General purpose digital input/output pin. If
this pin is pulled LOW at reset, the part enters ISP mode
using USART0.
O
CTOUT_1 — SCT output 1. Match output 3 of timer 3.
I/O
U3_UCLK — Serial clock input/output for USART3 in
synchronous mode.
I/O
EMC_A9 — External memory address line 9.
-
R — Function reserved.
-
R — Function reserved.
O
T3_MAT3 — Match output 3 of timer 3.
-
R — Function reserved.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com