Electronic Components Datasheet Search
  English  ▼

X  

LBGA256 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # LBGA256
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LBGA256 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button LBGA256 Datasheet HTML 55Page - NXP Semiconductors LBGA256 Datasheet HTML 56Page - NXP Semiconductors LBGA256 Datasheet HTML 57Page - NXP Semiconductors LBGA256 Datasheet HTML 58Page - NXP Semiconductors LBGA256 Datasheet HTML 59Page - NXP Semiconductors LBGA256 Datasheet HTML 60Page - NXP Semiconductors LBGA256 Datasheet HTML 61Page - NXP Semiconductors LBGA256 Datasheet HTML 62Page - NXP Semiconductors LBGA256 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
59 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
WAKEUP3
D8
-
-
-
-
[11]
I; IA
I
External wake-up input; can raise an interrupt and can
cause wake-up from any of the low-power modes. A pulse
with a duration > 45 ns wakes up the part.
ADC pins
ADC0_0/
ADC1_0/DAC
E3
B6
A2
8
6
[8]
I; IA
I
ADC input channel 0. Shared between 10-bit ADC0/1 and
DAC.
ADC0_1/
ADC1_1
C3
C4
A1
4
2
[8]
I; IA
I
ADC input channel 1. Shared between 10-bit ADC0/1.
ADC0_2/
ADC1_2
A4
B3
B3
206 143
[8]
I; IA
I
ADC input channel 2. Shared between 10-bit ADC0/1.
ADC0_3/
ADC1_3
B5
B4
A3
200 139
[8]
I; IA
I
ADC input channel 3. Shared between 10-bit ADC0/1.
ADC0_4/
ADC1_4
C6
A5
-
199 138
[8]
I; IA
I
ADC input channel 4. Shared between 10-bit ADC0/1.
ADC0_5/
ADC1_5
B3
C3
-
208 144
[8]
I; IA
I
ADC input channel 5. Shared between 10-bit ADC0/1.
ADC0_6/
ADC1_6
A5
A4
-
204 142
[8]
I; IA
I
ADC input channel 6. Shared between 10-bit ADC0/1.
ADC0_7/
ADC1_7
C5
B5
-
197 136
[8]
I; IA
I
ADC input channel 7. Shared between 10-bit ADC0/1.
RTC
RTC_ALARM
A11
A10
C3
186 129
[11]
-
O
RTC controlled output.
RTCX1
A8
A8
A5
182 125
[8]
-
I
Input to the RTC 32 kHz ultra-low power oscillator circuit.
RTCX2
B8
B7
B5
183 126
[8]
-
O
Output from the RTC 32 kHz ultra-low power oscillator
circuit.
Crystal oscillator pins
XTAL1
D1
C1
B1
18
12
[8]
-
I
Input to the oscillator circuit and internal clock generator
circuits.
XTAL2
E1
D1
C1
19
13
[8]
-
O
Output from the oscillator amplifier.
Power and ground pins
USB0_VDDA
3V3_DRIVER
F3
E3
D1
24
16
-
-
Separate analog 3.3 V power supply for driver.
USB0
_VDDA3V3
G3
F3
D2
25
17
-
-
USB 3.3 V separate power supply voltage.
USB0_VSSA
_TERM
H3
G3
D3
27
19
-
-
Dedicated analog ground for clean reference for
termination resistors.
USB0_VSSA
_REF
G1
F1
F2
31
23
-
-
Dedicated clean analog ground for generation of
reference currents and voltages.
VDDA
B4
A6
B2
198 137
-
-
Analog power supply and ADC reference voltage.
VBAT
B10
B9
C5
184 127
-
-
RTC power supply: 3.3 V on this pin supplies power to the
RTC.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com