Electronic Components Datasheet Search
  English  ▼

X  

LBGA256 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # LBGA256
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LBGA256 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button LBGA256 Datasheet HTML 85Page - NXP Semiconductors LBGA256 Datasheet HTML 86Page - NXP Semiconductors LBGA256 Datasheet HTML 87Page - NXP Semiconductors LBGA256 Datasheet HTML 88Page - NXP Semiconductors LBGA256 Datasheet HTML 89Page - NXP Semiconductors LBGA256 Datasheet HTML 90Page - NXP Semiconductors LBGA256 Datasheet HTML 91Page - NXP Semiconductors LBGA256 Datasheet HTML 92Page - NXP Semiconductors LBGA256 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
89 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
10. Static characteristics
Table 10.
Static characteristics
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Supply pins
VDD(IO)
input/output supply
voltage
2.2
-
3.6
V
VDD(REG)(3V3)
regulator supply voltage
(3.3 V)
[2] 2.2
-
3.6
V
VDDA(3V3)
analog supply voltage
(3.3 V)
on pin VDDA
2.2
-
3.6
V
on pins
USB0_VDDA3V3_
DRIVER and
USB0_VDDA3V3
3.0
3.3
3.6
V
VBAT
battery supply voltage
[2] 2.2
-
3.6
V
Vprog(pf)
polyfuse programming
voltage
on pin VPP (for OTP)
[3] 2.7
-
3.6
V
Iprog(pf)
polyfuse programming
current
on pin VPP; OTP
programming time
1.6 ms
--30
mA
IDD(REG)(3V3)
regulator supply current
(3.3 V)
Active mode; M0-core in
reset; code
while(1){}
executed from RAM; all
peripherals disabled;
PLL1 enabled
CCLK = 12 MHz
[4] -6.6
-mA
CCLK = 60 MHz
[4]
25.3
-
mA
CCLK = 120 MHz
[4] -48.4
-mA
CCLK = 180 MHz
[4] -72.0
-mA
CCLK = 204 MHz
[4] -81.5
-mA
IDD(REG)(3V3)
regulator supply current
(3.3 V)
after WFE/WFI instruction
executed from RAM; all
peripherals disabled; M0
core in reset
sleep mode
[4][5] -5.0
-mA
deep-sleep mode
[4] -30
-
A
power-down mode
[4] -15
-
A
deep power-down
mode
[4][6] -0.03
-
A
deep power-down
mode; VBAT floating
[4]--
2
-
A
IBAT
battery supply current
active mode; VBAT = 3.2 V;
VDD(REG)(3V3) = 3.6 V.
[7] -0
-nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com