Electronic Components Datasheet Search
  English  ▼

X  

LBGA256 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # LBGA256
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LBGA256 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button LBGA256 Datasheet HTML 68Page - NXP Semiconductors LBGA256 Datasheet HTML 69Page - NXP Semiconductors LBGA256 Datasheet HTML 70Page - NXP Semiconductors LBGA256 Datasheet HTML 71Page - NXP Semiconductors LBGA256 Datasheet HTML 72Page - NXP Semiconductors LBGA256 Datasheet HTML 73Page - NXP Semiconductors LBGA256 Datasheet HTML 74Page - NXP Semiconductors LBGA256 Datasheet HTML 75Page - NXP Semiconductors LBGA256 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
72 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
After a few commands configure the interface at startup, the entire flash content is
accessible as normal memory using byte, halfword, and word accesses by the processor
and/or DMA channels. Simple sequences of commands handle erasing and
programming.
Many serial flash devices use a half-duplex command-driven SPI protocol for device setup
and initialization and then move to a half-duplex, command-driven 4-bit protocol for
normal operation. Different serial flash vendors and devices accept or require different
commands and command formats. SPIFI provides sufficient flexibility to be compatible
with common flash devices and includes extensions to help insure compatibility with future
devices.
7.17.2.1
Features
• Interfaces to serial flash memory in the main memory map.
• Supports classic and 4-bit bidirectional serial protocols.
• Half-duplex protocol compatible with various vendors and devices.
• Quad SPI Flash Interface (SPIFI) with 1-, 2-, or 4-bit data at rates of up to
52 MB per second.
• Supports DMA access.
7.17.3 SD/MMC card interface
The SD/MMC card interface supports the following modes to control:
• Secure Digital memory (SD version 3.0)
• Secure Digital I/O (SDIO version 2.0)
• Consumer Electronics Advanced Transport Architecture (CE-ATA version 1.1)
• MultiMedia Cards (MMC version 4.4)
7.17.4 External Memory Controller (EMC)
The LPC4350/30/20/10 EMC is a Memory Controller peripheral offering support for
asynchronous static memory devices such as RAM, ROM, and NOR flash. In addition, it
can be used as an interface with off-chip memory-mapped devices and peripherals.
7.17.4.1
Features
• Dynamic memory interface support including single data rate SDRAM.
• Asynchronous static memory device support including RAM, ROM, and NOR flash,
with or without asynchronous page mode.
• Low transaction latency.
• Read and write buffers to reduce latency and to improve performance.
• 8/16/32 data and 24 address lines-wide static memory support.
• 16 bit and 32 bit wide chip select SDRAM memory support.
• Static memory features include:
– Asynchronous page mode read
– Programmable Wait States
– Bus turnaround delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com