Electronic Components Datasheet Search
  English  ▼

X  

LBGA256 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # LBGA256
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LBGA256 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button LBGA256 Datasheet HTML 51Page - NXP Semiconductors LBGA256 Datasheet HTML 52Page - NXP Semiconductors LBGA256 Datasheet HTML 53Page - NXP Semiconductors LBGA256 Datasheet HTML 54Page - NXP Semiconductors LBGA256 Datasheet HTML 55Page - NXP Semiconductors LBGA256 Datasheet HTML 56Page - NXP Semiconductors LBGA256 Datasheet HTML 57Page - NXP Semiconductors LBGA256 Datasheet HTML 58Page - NXP Semiconductors LBGA256 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
55 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
PF_6
E7
-
-
192 -
[5]
N;
PU
-
R — Function reserved.
I/O
U3_DIR — RS-485/EIA-485 output enable/direction
control for USART3.
I/O
SSP1_MISO — Master In Slave Out for SSP1.
O
TRACEDATA[1] — Trace data, bit 1.
I/O
GPIO7[20] — General purpose digital input/output pin.
-
R — Function reserved.
I/O
SGPIO5 — General purpose digital input/output pin.
I/O
I2S1_TX_SDA — I2S1 transmit data. It is driven by the
transmitter and read by the receiver. Corresponds to the
signal SD in the I2S-bus specification.
AI
ADC1_3 — ADC1 and ADC0, input channel 3. Configure
the pin as GPIO input and use the ADC function select
register in the SCU to select the ADC.
PF_7
B7
-
-
193 -
[5]
N;
PU
-
R — Function reserved.
I/O
U3_BAUD — Baud pin for USART3.
I/O
SSP1_MOSI — Master Out Slave in for SSP1.
O
TRACEDATA[2] — Trace data, bit 2.
I/O
GPIO7[21] — General purpose digital input/output pin.
-
R — Function reserved.
I/O
SGPIO6 — General purpose digital input/output pin.
I/O
I2S1_TX_WS — Transmit Word Select. It is driven by the
master and received by the slave. Corresponds to the
signal WS in the I2S-bus specification.
AI/
O
ADC1_7 — ADC1 and ADC0, input channel 7 or band
gap output. Configure the pin as GPIO input and use the
ADC function select register in the SCU to select the ADC.
PF_8
E6
-
-
-
-
[5]
N;
PU
-
R — Function reserved.
I/O
U0_UCLK — Serial clock input/output for USART0 in
synchronous mode.
I
CTIN_2 — SCT input 2. Capture input 2 of timer 0.
O
TRACEDATA[3] — Trace data, bit 3.
I/O
GPIO7[22] — General purpose digital input/output pin.
-
R — Function reserved.
I/O
SGPIO7 — General purpose digital input/output pin.
-
R — Function reserved.
AI
ADC0_2 — ADC0 and ADC1, input channel 2. Configure
the pin as GPIO input and use the ADC function select
register in the SCU to select the ADC.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com