Electronic Components Datasheet Search
  English  ▼

X  

LBGA256 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # LBGA256
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LBGA256 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button LBGA256 Datasheet HTML 65Page - NXP Semiconductors LBGA256 Datasheet HTML 66Page - NXP Semiconductors LBGA256 Datasheet HTML 67Page - NXP Semiconductors LBGA256 Datasheet HTML 68Page - NXP Semiconductors LBGA256 Datasheet HTML 69Page - NXP Semiconductors LBGA256 Datasheet HTML 70Page - NXP Semiconductors LBGA256 Datasheet HTML 71Page - NXP Semiconductors LBGA256 Datasheet HTML 72Page - NXP Semiconductors LBGA256 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
69 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
7.14 One-Time Programmable (OTP) memory
The OTP provides 32 bit of memory for general-purpose use.
7.15 General-Purpose I/O (GPIO)
The LPC4350/30/20/10 provide eight GPIO ports with up to 31 GPIO pins each.
Device pins that are not connected to a specific peripheral function are controlled by the
GPIO registers. Pins may be dynamically configured as inputs or outputs. Separate
registers allow setting or clearing any number of outputs simultaneously. The value of the
output register may be read back as well as the current state of the port pins.
All GPIO pins default to inputs with pull-up resistors enabled and input buffer disabled on
reset. The input buffer must be turned on in the system control block SFS register before
the GPIO input can be read.
7.15.1 Features
• Accelerated GPIO functions:
– GPIO registers are located on the AHB so that the fastest possible I/O timing can
be achieved.
– Mask registers allow treating sets of port bits as a group, leaving other bits
unchanged.
– All GPIO registers are byte and half-word addressable.
– Entire port value can be written in one instruction.
• Bit-level set and clear registers allow a single instruction set or clear of any number of
bits in one port.
• Direction control of individual bits.
• Up to eight GPIO pins can be selected from all GPIO pins to create an edge- or
level-sensitive GPIO interrupt request (GPIO interrupts).
• Two GPIO group interrupts can be triggered by any pin or pins in each port (GPIO
group0 and group1 interrupts).
7.16 Configurable digital peripherals
7.16.1 State Configurable Timer (SCT) subsystem
The SCT allows a wide variety of timing, counting, output modulation, and input capture
operations. The inputs and outputs of the SCT are shared with the capture and match
inputs/outputs of the 32-bit general-purpose counter/timers.
The SCT can be configured as two 16-bit counters or a unified 32-bit counter. In the
two-counter case, in addition to the counter value the following operational elements are
independent for each half:
• State variable
• Limit, halt, stop, and start conditions
• Values of Match/Capture registers, plus reload or capture control values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com