Electronic Components Datasheet Search
  English  ▼

X  

LBGA256 Datasheet(PDF) 95 Page - NXP Semiconductors

Part # LBGA256
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LBGA256 Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button LBGA256 Datasheet HTML 91Page - NXP Semiconductors LBGA256 Datasheet HTML 92Page - NXP Semiconductors LBGA256 Datasheet HTML 93Page - NXP Semiconductors LBGA256 Datasheet HTML 94Page - NXP Semiconductors LBGA256 Datasheet HTML 95Page - NXP Semiconductors LBGA256 Datasheet HTML 96Page - NXP Semiconductors LBGA256 Datasheet HTML 97Page - NXP Semiconductors LBGA256 Datasheet HTML 98Page - NXP Semiconductors LBGA256 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
95 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
[3]
Pin VPP should either be not connected (when OTP does not need to be programmed) or tied to pins VDDIO and VDDREG to ensure
the same ramp-up time for both supply voltages.
[4]
VDD(REG)(3V3) = 3.3 V; VDD(IO) = 3.3 V; Tamb =25 C.
[5]
PLL1 disabled; IRC running; CCLK = 12 MHz.
[6]
VBAT = 3.6 V.
[7]
VDD(IO) = VDDA = 3.6 V; over entire frequency range CCLK = 12 MHz to 180 MHz.
[8]
On pin VBAT; Tamb =25 C.
[9]
Vps corresponds to the output of the power switch (see Figure 10) which is determined by the greater of VBAT and VDD(Reg)(3V3).
[10] VDDA(3V3) = 3.3 V; Tamb =25 C.
[11] Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[12] To VSS.
[13] The values specified are simulated and absolute values.
[14] The weak pull-up resistor is connected to the VDD(IO) rail and pulls up the I/O pin to the VDD(IO) level.
[15] The input cell disables the weak pull-up resistor when the applied input voltage exceeds VDD(IO).
[16] The parameter value specified is a simulated value excluding bond capacitance.
[17] For USB operation 3.0 V
 V
DD((IO)  3.6 V. Guaranteed by design.
[18] VDD(IO) present.
[19] Includes external resistors of 33
 1 % on D+ and D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com