Electronic Components Datasheet Search
  English  ▼

X  

LBGA256 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # LBGA256
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LBGA256 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button LBGA256 Datasheet HTML 56Page - NXP Semiconductors LBGA256 Datasheet HTML 57Page - NXP Semiconductors LBGA256 Datasheet HTML 58Page - NXP Semiconductors LBGA256 Datasheet HTML 59Page - NXP Semiconductors LBGA256 Datasheet HTML 60Page - NXP Semiconductors LBGA256 Datasheet HTML 61Page - NXP Semiconductors LBGA256 Datasheet HTML 62Page - NXP Semiconductors LBGA256 Datasheet HTML 63Page - NXP Semiconductors LBGA256 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
60 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
VDDREG
F10,
F9,
L8,
L7
D8,
E8
E4,
E5,
F4
135
,
188
,
195
,
82,
33
94,
131,
59,
25
-
Main regulator power supply. Tie the VDDREG and
VDDIO pins to a common power supply to ensure the
same ramp-up time for both supply voltages.
VPP
E8
-
-
-
-
[12] -
-
OTP programming voltage.
VDDIO
D7,
E12,
F7,
F8,
G10,
H10,
J6,
J7,
K7,
L9,
L10,
N7,
N13
H5,
H10,
K8,
G10
F10,
K5
6,
52,
57,
102
,
110
,
155
,
160
,
202
5,
36,
41,
71,
77,
107,
111,
141
[12] -
-
I/O power supply. Tie the VDDREG and VDDIO pins to a
common power supply to ensure the same ramp-up time
for both supply voltages.
VDD
-
-
-
-
-
Power supply for main regulator, I/O, and OTP.
VSS
G9,
H7,
J10,
J11,
K8
F10,
D7,
E6,
E7,
E9,
K6,
K9
--
-
[13]
[14]
-
-
Ground.
VSSIO
C4,
D13,
G6,
G7,
G8,
H8,
H9,
J8,
J9,
K9,
K10,
M13,
P7,
P13
-C8,
D4,
D5,
G8,
J3,
J6
5,
56,
109
,
157
4,
40,
76,
109
[13]
[14]
-
-
Ground.
VSSA
B2
A3
C2
196 135
-
-
Analog ground.
Not connected
-B9
B8
-
-
-
-
-
n.c.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com