| Electronic Components Datasheet Search |
|
LBGA256 Datasheet(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LBGA256 Datasheet(HTML) 32 Page - NXP Semiconductors |
|
32 / 153 page ![]() LPC4350_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 4 — 26 March 2013 32 of 153 NXP Semiconductors LPC4350/30/20/10 32-bit ARM Cortex-M4/M0 microcontroller P7_1 C14 C13 - 162 113 [2] N; PU I/O GPIO3[9] — General purpose digital input/output pin. O CTOUT_15 — SCT output 15. Match output 3 of timer 3. I/O I2S0_TX_WS — Transmit Word Select. It is driven by the master and received by the slave. Corresponds to the signal WS in the I2S-bus specification. O LCD_VD19 — LCD data. O LCD_VD7 — LCD data. - R — Function reserved. O U2_TXD — Transmitter output for USART2. I/O SGPIO5 — General purpose digital input/output pin. P7_2 A16 A14 - 165 115 [2] N; PU I/O GPIO3[10] — General purpose digital input/output pin. I CTIN_4 — SCT input 4. Capture input 2 of timer 1. I/O I2S0_TX_SDA — I2S transmit data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. O LCD_VD18 — LCD data. O LCD_VD6 — LCD data. - R — Function reserved. I U2_RXD — Receiver input for USART2. I/O SGPIO6 — General purpose digital input/output pin. P7_3 C13 C12 - 167 117 [2] N; PU I/O GPIO3[11] — General purpose digital input/output pin. I CTIN_3 — SCT input 3. Capture input 1 of timer 1. - R — Function reserved. O LCD_VD17 — LCD data. O LCD_VD5 — LCD data. - R — Function reserved. - R — Function reserved. - R — Function reserved. P7_4 C8 C6 - 189 132 [5] N; PU I/O GPIO3[12] — General purpose digital input/output pin. O CTOUT_13 — SCT output 13. Match output 3 of timer 3. - R — Function reserved. O LCD_VD16 — LCD data. O LCD_VD4 — LCD data. O TRACEDATA[0] — Trace data, bit 0. - R — Function reserved. - R — Function reserved. AI ADC0_4 — ADC0 and ADC1, input channel 4. Configure the pin as GPIO input and use the ADC function select register in the SCU to select the ADC. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |