Electronic Components Datasheet Search
  English  ▼

X  

LBGA256 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LBGA256
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LBGA256 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LBGA256 Datasheet HTML 11Page - NXP Semiconductors LBGA256 Datasheet HTML 12Page - NXP Semiconductors LBGA256 Datasheet HTML 13Page - NXP Semiconductors LBGA256 Datasheet HTML 14Page - NXP Semiconductors LBGA256 Datasheet HTML 15Page - NXP Semiconductors LBGA256 Datasheet HTML 16Page - NXP Semiconductors LBGA256 Datasheet HTML 17Page - NXP Semiconductors LBGA256 Datasheet HTML 18Page - NXP Semiconductors LBGA256 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
15 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
P1_20
M10
J10
K10
100 70
[2]
N;
PU
I/O
GPIO0[15] — General purpose digital input/output pin.
I/O
SSP1_SSEL — Slave Select for SSP1.
-
R — Function reserved.
O
ENET_TXD1 — Ethernet transmit data 1 (RMII/MII
interface).
I
T0_CAP2 — Capture input 2 of timer 0.
-
R — Function reserved.
I/O
SGPIO13 — General purpose digital input/output pin.
-
R — Function reserved.
P2_0
T16
N14
G10 108 75
[2]
N;
PU
I/O
SGPIO4 — General purpose digital input/output pin.
O
U0_TXD — Transmitter output for USART0.
I/O
EMC_A13 — External memory address line 13.
O
USB0_PPWR — VBUS drive signal (towards external
charge pump or power management unit); indicates that
VBUS must be driven (active HIGH).
Add a pull-down resistor to disable the power switch at
reset. This signal has opposite polarity compared to the
USB_PPWR used on other NXP LPC parts.
I/O
GPIO5[0] — General purpose digital input/output pin.
-
R — Function reserved.
I
T3_CAP0 — Capture input 0 of timer 3.
O
ENET_MDC — Ethernet MIIM clock.
P2_1
N15
M13
G7
116 81
[2]
N;
PU
I/O
SGPIO5 — General purpose digital input/output pin.
I
U0_RXD — Receiver input for USART0.
I/O
EMC_A12 — External memory address line 12.
I
USB0_PWR_FAULT — Port power fault signal indicating
overcurrent condition; this signal monitors over-current on
the USB bus (external circuitry required to detect
over-current condition).
I/O
GPIO5[1] — General purpose digital input/output pin.
-
R — Function reserved.
I
T3_CAP1 — Capture input 1 of timer 3.
-
R — Function reserved.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com