Electronic Components Datasheet Search
  English  ▼

X  

ADP5050 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP5050
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP5050 Datasheet HTML 33Page - Analog Devices ADP5050 Datasheet HTML 34Page - Analog Devices ADP5050 Datasheet HTML 35Page - Analog Devices ADP5050 Datasheet HTML 36Page - Analog Devices ADP5050 Datasheet HTML 37Page - Analog Devices ADP5050 Datasheet HTML 38Page - Analog Devices ADP5050 Datasheet HTML 39Page - Analog Devices ADP5050 Datasheet HTML 40Page - Analog Devices ADP5050 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 37 of 60
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Good circuit board layout is essential to obtain the best perfor-
mance from the ADP5050 (see Figure 65). Poor layout can affect
the regulation and stability of the part, as well as the electro-
magnetic interference (EMI) and electromagnetic compatibility
(EMC) performance. Refer to the following guidelines for a good
PCB layout.
•
Place the input capacitor, inductor, MOSFET, output
capacitor, and bootstrap capacitor close to the IC.
•
Use short, thick traces to connect the input capacitors
to the PVINx pins, and use dedicated power ground to
connect the input and output capacitor grounds to
minimize the connection length.
•
Use several high current vias, if required, to connect
PVINx, PGNDx, and SWx to other power planes.
•
Use short, thick traces to connect the inductors to the
SWx pins and the output capacitors.
•
Ensure that the high current loop traces are as short and
wide as possible. Figure 64 shows the high current path.
•
Maximize the amount of ground metal for the exposed
pad, and use as many vias as possible on the component
side to improve thermal dissipation.
•
Use a ground plane with several vias connecting to the com-
ponent side ground to further reduce noise interference on
sensitive circuit nodes.
•
Place the decoupling capacitors close to the VREG and
VDD pins.
•
Place the frequency setting resistor close to the RT pin.
•
Place the feedback resistor divider close to the FBx pin. In
addition, keep the FBx traces away from the high current
traces and the switch node to avoid noise pickup.
•
Use Size 0402 or 0603 resistors and capacitors to achieve
the smallest possible footprint solution on boards where
space is limited.
VIN
VOUT
PVINx
ENx
GND
BSTx
SWx
ADP5050
DLx
FBx
Figure 64. Typical Circuit with High Current Traces Shown in Blue
Figure 65. Typical PCB Layout for the ADP5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com