Electronic Components Datasheet Search
  English  ▼

X  

ADP5050 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5050
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5050 Datasheet HTML 12Page - Analog Devices ADP5050 Datasheet HTML 13Page - Analog Devices ADP5050 Datasheet HTML 14Page - Analog Devices ADP5050 Datasheet HTML 15Page - Analog Devices ADP5050 Datasheet HTML 16Page - Analog Devices ADP5050 Datasheet HTML 17Page - Analog Devices ADP5050 Datasheet HTML 18Page - Analog Devices ADP5050 Datasheet HTML 19Page - Analog Devices ADP5050 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
ADP5050
Data Sheet
Rev. 0 | Page 16 of 60
0
1
2
3
4
5
6
7
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
RILIM = 22kΩ
RILIM = OPEN
RILIM = 47kΩ
Figure 23. Channel 1/Channel 2 Current Limit vs. Input Voltage
0
20
40
60
80
100
120
140
160
180
200
–50
–20
10
40
70
100
130
TEMPERATURE (°C)
CH1/CH2
CH3/CH4
Figure 24. Minimum On Time vs. Temperature
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
IOUT = 1mA
IOUT = 10mA
IOUT = 50mA
IOUT = 100mA
IOUT = 150mA
IOUT = 200mA
Figure 25. Channel 5 (LDO Regulator) Line Regulation over Output Load
0.01
0.1
1
10
100
10
100
1k
10k
100k
FREQUENCY (Hz)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 3.3V
VOUT = 2.5V
Figure 26. Channel 5 (LDO Regulator) Output Noise Spectrum,
VIN = 5 V, COUT = 1 µF, IOUT = 10 mA
0
20
40
60
80
100
120
140
160
180
1
10
100
IOUT (mA)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 3.3V
VOUT = 2.5V
Figure 27. Channel 5 (LDO Regulator) Output Noise vs. Output Load,
VIN = 5 V, COUT = 1 µF
–120
–100
–80
–60
–40
–20
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT = 1mA
IOUT = 10mA
IOUT = 50mA
IOUT = 100mA
IOUT = 150mA
IOUT = 200mA
Figure 28. Channel 5 (LDO Regulator) PSRR over Output Load,
VIN = 5 V, VOUT = 3.3 V, COUT = 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com