Electronic Components Datasheet Search
  English  ▼

X  

ADP5050 Datasheet(PDF) 40 Page - Analog Devices

Part # ADP5050
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADP5050 Datasheet HTML 36Page - Analog Devices ADP5050 Datasheet HTML 37Page - Analog Devices ADP5050 Datasheet HTML 38Page - Analog Devices ADP5050 Datasheet HTML 39Page - Analog Devices ADP5050 Datasheet HTML 40Page - Analog Devices ADP5050 Datasheet HTML 41Page - Analog Devices ADP5050 Datasheet HTML 42Page - Analog Devices ADP5050 Datasheet HTML 43Page - Analog Devices ADP5050 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
ADP5050
Data Sheet
Rev. 0 | Page 40 of 60
VREG
CHANNEL 2
BUCK REGULATOR
(1.2A/2.5A/4A)
CHANNEL 3
BUCK REGULATOR
(1.2A)
OSCILLATOR
INT VREG
100mA
Q1
Q2
L1
1.5µH
1.5µH
6.8µH
10µH
L2
5V REG
SYNC/MODE
RT
FB1
BST1
SW1
DL1
PGND
DL2
SW2
BST2
FB2
VREG
L3
BST3
SW3
FB3
PGND3
ALERT
L4
BST4
SW4
FB4
PGND4
nINT
VREG
PVIN1
COMP1
EN1
PVIN2
COMP2
EN2
PVIN3
SS34
COMP3
EN3
VDDIO
PVIN4
COMP4
EN4
SCL
SDA
C2
10µF
2.7nF
10kΩ
100kΩ
600kΩ
31.6kΩ
2.7nF
6.81kΩ
2.7nF
6.81kΩ
C1
1.0µF
C4
100µF
C3
0.1µF
C5
10µF
C6
0.1µF
C8
10µF
C9
0.1µF
C10
22µF
C11
10µF
C12
0.1µF
C13
22µF
C14
1µF
C15
1µF
12V
VOUT1
VOUT3
1.2V/8A
1.5V/1.2A
3.3V/1.2A
2.5V/200mA
VOUT4
22kΩ
22kΩ
I2C
OPTIONAL
I2C INTERFACE
PWRGD
5V REG
EXPOSED PAD
SS12
C0
1.0µF
VDD
CHANNEL 5
200mA LDO
REGULATOR
FB5
EN5
VOUT5
VOUT5
ADP5050
CHANNEL 1
BUCK REGULATOR
(1.2A/2.5A/4A)
CHANNEL 4
BUCK REGULATOR
(1.2A)
C16
100µF
VREG
PVIN5
4.99kΩ
10kΩ
8.87kΩ
31.6kΩ
40.2kΩ
10.2kΩ
10.2kΩ
10kΩ
Si7232DN
(16.4mΩ)
Figure 68. Typical Channel 1/Channel 2 Parallel Output Application, 600 kHz Switching Frequency, Adjustable Output Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com