Electronic Components Datasheet Search
  English  ▼

X  

ADP5050 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5050
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050 Datasheet(HTML) 3 Page - Analog Devices

  ADP5050 Datasheet HTML 1Page - Analog Devices ADP5050 Datasheet HTML 2Page - Analog Devices ADP5050 Datasheet HTML 3Page - Analog Devices ADP5050 Datasheet HTML 4Page - Analog Devices ADP5050 Datasheet HTML 5Page - Analog Devices ADP5050 Datasheet HTML 6Page - Analog Devices ADP5050 Datasheet HTML 7Page - Analog Devices ADP5050 Datasheet HTML 8Page - Analog Devices ADP5050 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 3 of 60
Detailed Register Descriptions......................................................42
Register 1: PCTRL (Channel Enable Control),
Address 0x01................................................................................42
Register 2: VID1 (VID Setting for Channel 1),
Address 0x02................................................................................42
Register 3: VID23 (VID Setting for Channel 2
and Channel 3), Address 0x03...................................................43
Register 4: VID4 (VID Setting for Channel 4),
Address 0x04................................................................................43
Register 5: DVS_CFG (DVS Configuration
for Channel 1 and Channel 4), Address 0x05 .........................44
Register 6: OPT_CFG (FPWM/PSM Mode and Output
Discharge Function Configuration), Address 0x06................45
Register 7: LCH_CFG (Short-Circuit Latch-Off and
Overvoltage Latch-Off Configuration), Address 0x07 ..........46
Register 8: SW_CFG (Switching Frequency
and Phase Shift Configuration), Address 0x08.......................47
Register 9: TH_CFG (Temperature Warning and Low
VIN Warning Threshold Configuration), Address 0x09.........48
Register 10: HICCUP_CFG (Hiccup
Configuration), Address 0x0A..................................................49
Register 11: PWRGD_MASK (Channel Mask
Configuration for PWRGD Pin), Address 0x0B.....................50
Register 12: LCH_STATUS (Latch-Off Status
Readback), Address 0x0C ..........................................................51
Register 13: STATUS_RD (Status Readback),
Address 0x0D ..............................................................................51
Register 14: INT_STATUS (Interrupt Status
Readback), Address 0x0E...........................................................52
Register 15: INT_MASK (Interrupt Mask
Configuration), Address 0x0F...................................................53
Register 17: DEFAULT_SET (Default Reset),
Address 0x11................................................................................53
Factory Programmable Options....................................................54
Factory Default Options.............................................................56
Outline Dimensions........................................................................57
Ordering Guide ...........................................................................57
REVISION HISTORY
5/13—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com