Electronic Components Datasheet Search
  English  ▼

X  

ADP5050 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5050
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5050 Datasheet HTML 2Page - Analog Devices ADP5050 Datasheet HTML 3Page - Analog Devices ADP5050 Datasheet HTML 4Page - Analog Devices ADP5050 Datasheet HTML 5Page - Analog Devices ADP5050 Datasheet HTML 6Page - Analog Devices ADP5050 Datasheet HTML 7Page - Analog Devices ADP5050 Datasheet HTML 8Page - Analog Devices ADP5050 Datasheet HTML 9Page - Analog Devices ADP5050 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
ADP5050
Data Sheet
Rev. 0 | Page 6 of 60
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
LOW INPUT VOLTAGE DETECTION
Low Input Voltage Threshold
VLVIN-TH
4.07
4.236
4.39
V
LVIN_TH[3:0] = 0000
10.05
10.25
10.4
V
LVIN_TH[3:0] = 1100
Low Input Voltage Threshold Range
4.2
11.2
V
I2C programmable (4-bit value)
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSHDN
150
°C
Thermal Shutdown Hysteresis
THYS
15
°C
THERMAL OVERHEAT WARNING
Thermal Overheat Threshold
THOT
115
°C
TEMP_TH[1:0] = 10
Overheat Threshold Range
105
125
°C
I2C programmable (2-bit value)
Thermal Overheat Hysteresis
THOT(HYS)
5
°C
BUCK REGULATOR SPECIFICATIONS
VIN = 12 V, VVREG = 5.1 V, fSW = 600 kHz for all channels, TJ = −40°C to +125°C for minimum and maximum specifications, and TA = 25°C
for typical specifications, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
CHANNEL 1 SYNC BUCK REGULATOR
FB1 Pin
Fixed Output Options
VOUT1
0.85
1.60
V
Fuse trim or I2C interface
(5-bit value)
Adjustable Feedback Voltage
VFB1
0.800
V
Feedback Voltage Accuracy
VFB1(DEFAULT)
−0.55
+0.55
%
TJ = 25°C
−1.25
+1.0
%
0°C ≤ TJ ≤ 85°C
−1.5
+1.5
%
−40°C ≤ TJ ≤ +125°C
Feedback Bias Current
IFB1
0.1
µA
Adjustable voltage
SW1 Pin
High-Side Power FET
On Resistance
RDSON(1H)
100
mΩ
Pin-to-pin measurement
Current-Limit Threshold
ITH(ILIM1)
3.50
4.4
5.28
A
RILIM1 = floating
1.91
2.63
3.08
A
RILIM1 = 47 kΩ
4.95
6.44
7.48
A
RILIM1 = 22 kΩ
Minimum On Time
tMIN_ON1
117
155
ns
fSW = 250 kHz to 1.4 MHz
Minimum Off Time
tMIN_OFF1
1/9 × tSW
ns
fSW = 250 kHz to 1.4 MHz
Low-Side Driver, DL1 Pin
Rising Time
tRISING1
20
ns
CISS = 1.2 nF
Falling Time
tFALLING1
3.4
ns
CISS = 1.2 nF
Sourcing Resistor
tSOURCING1
10
Ω
Sinking Resistor
tSINKING1
0.95
Ω
Error Amplifier (EA), COMP1 Pin
EA Transconductance
gm1
310
470
620
µS
Soft Start
Soft Start Time
tSS1
2.0
ms
SS12 connected to VREG
Programmable Soft Start Range
2.0
8.0
ms
Hiccup Time
tHICCUP1
7 × tSS1
ms
COUT Discharge Switch On Resistance
RDIS1
250
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com