Electronic Components Datasheet Search
  English  ▼

X  

ADP5050 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5050
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5050 Datasheet HTML 18Page - Analog Devices ADP5050 Datasheet HTML 19Page - Analog Devices ADP5050 Datasheet HTML 20Page - Analog Devices ADP5050 Datasheet HTML 21Page - Analog Devices ADP5050 Datasheet HTML 22Page - Analog Devices ADP5050 Datasheet HTML 23Page - Analog Devices ADP5050 Datasheet HTML 24Page - Analog Devices ADP5050 Datasheet HTML 25Page - Analog Devices ADP5050 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
ADP5050
Data Sheet
Rev. 0 | Page 22 of 60
Phase Shift
By default, the phase shift between Channel 1 and Channel 2 and
between Channel 3 and Channel 4 is 180° (see Figure 45). This
value provides the benefits of out-of-phase operation by reduc-
ing the input ripple current and lowering the ground noise.
CH2
CH1
(½
fSW
OPTIONAL)
CH4
180° PHASE SHIFT
0° REFERENCE
90° PHASE SHIFT
270° PHASE SHIFT
0°, 90°,180°, OR 270°
ADJUSTABLE
CH3
(½
fSW
OPTIONAL)
Figure 45. Phase Shift Diagram, Four Buck Regulators
For Channel 2 to Channel 4, the phase shift with respect to
Channel 1 can be set to 0˚, 90˚, 180˚, or 270˚ using Register 8,
SW_CFG (see Figure 46). When parallel operation of Channel 1
and Channel 2 is configured, the switching frequency of Channel 2
is locked to a 180˚ phase shift with respect to Channel 1.
CH3 10.0V BW
CH1 10.0V BW
CH4 10.0V BW
CH2 10.0V BW
M400ns
A CH1
7.40V
1
2
3
4
SW1
SW2
SW3
SW4
Figure 46. I2C Configurable 90˚ Phase Shift Waveforms, Four Buck Regulators
SYNCHRONIZATION INPUT/OUTPUT
The switching frequency of the ADP5050 can be synchronized
to an external clock with a frequency range from 250 kHz to
1.4 MHz. The ADP5050 automatically detects the presence of
an external clock applied to the SYNC/MODE pin, and the
switching frequency transitions smoothly to the frequency of
the external clock. When the external clock signal stops, the
device automatically switches back to the internal clock and
continues to operate.
Note that the internal switching frequency set by the RT pin must
be programmed to a value that is close to the external clock value
for successful synchronization; the suggested frequency differ-
ence is less than ±15% in typical applications.
The SYNC/MODE pin can be configured as a synchronization
clock output by factory fuse or via the I2C interface (Register 10,
HICCUP_CFG). A positive clock pulse with a 50% duty cycle
is generated at the SYNC/MODE pin with a frequency equal to
the internal switching frequency set by the RT pin. There is a
short delay time (approximately 15% of tSW) from the generated
synchronization clock to the Channel 1 switching node.
Figure 47 shows two ADP5050 devices configured for frequency
synchronization mode: one ADP5050 device is configured as
the clock output to synchronize another ADP5050 device. It is
recommended that a 100 kΩ pull-up resistor be used to prevent
logic errors when the SYNC/MODE pin is left floating.
ADP5050
100kΩ
VREG
SYNC/MODE
SYNC/MODE
ADP5050
Figure 47. Two ADP5050 Devices Configured for Synchronization Mode
In the configuration shown in Figure 47, the phase shift between
Channel 1 of the first ADP5050 device and Channel 1 of the
second ADP5050 device is 0˚ (see Figure 48).
CH3 5.00V BW
CH1 2.00V BW
CH2 5.00V BW
M400ns
A CH1
560mV
1
2
3
SW1
AT FIRST
ADP5050
SW1
AT SECOND
ADP5050
SYNC-OUT
AT FIRST
ADP5050
Figure 48. Waveforms of Two ADP5050 Devices Operating
in Synchronization Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com