Electronic Components Datasheet Search
  English  ▼

X  

ADP5050 Datasheet(PDF) 46 Page - Analog Devices

Part # ADP5050
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADP5050 Datasheet HTML 42Page - Analog Devices ADP5050 Datasheet HTML 43Page - Analog Devices ADP5050 Datasheet HTML 44Page - Analog Devices ADP5050 Datasheet HTML 45Page - Analog Devices ADP5050 Datasheet HTML 46Page - Analog Devices ADP5050 Datasheet HTML 47Page - Analog Devices ADP5050 Datasheet HTML 48Page - Analog Devices ADP5050 Datasheet HTML 49Page - Analog Devices ADP5050 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
ADP5050
Data Sheet
Rev. 0 | Page 46 of 60
REGISTER 7: LCH_CFG (SHORT-CIRCUIT LATCH-OFF
AND OVERVOLTAGE LATCH-OFF CONFIGURATION),
ADDRESS 0x07
Register 7 is used to enable and disable the latch-off function for
short-circuit protection (SCP) and overvoltage protection (OVP).
When the SCP or OVP latch-off function is enabled, the
CHx_LCH bit in Register 12 is set after an error condition
occurs (see the Latch-Off Protection section). The default value
for the SCP latch-off and OVP latch-off functions can be
programmed by factory fuse (SCP or OVP latch-off function
enabled or disabled for all four buck regulators).
Table 31. Register 7 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OVP4_ON
OVP3_ON
OVP2_ON
OVP1_ON
SCP4_ON
SCP3_ON
SCP2_ON
SCP1_ON
Table 32. LCH_CFG Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
7
OVP4_ON
R/W
The default value is programmed by factory fuse.
0 = disable the OVP latch-off function for Channel 4.
1 = enable the OVP latch-off function for Channel 4.
6
OVP3_ON
R/W
The default value is programmed by factory fuse.
0 = disable the OVP latch-off function for Channel 3.
1 = enable the OVP latch-off function for Channel 3.
5
OVP2_ON
R/W
The default value is programmed by factory fuse.
0 = disable the OVP latch-off function for Channel 2.
1 = enable the OVP latch-off function for Channel 2.
4
OVP1_ON
R/W
The default value is programmed by factory fuse.
0 = disable the OVP latch-off function for Channel 1.
1 = enable the OVP latch-off function for Channel 1.
3
SCP4_ON
R/W
The default value is programmed by factory fuse.
0 = disable the SCP latch-off function for Channel 4.
1 = enable the SCP latch-off function for Channel 4.
2
SCP3_ON
R/W
The default value is programmed by factory fuse.
0 = disable the SCP latch-off function for Channel 3.
1 = enable the SCP latch-off function for Channel 3.
1
SCP2_ON
R/W
The default value is programmed by factory fuse.
0 = disable the SCP latch-off function for Channel 2.
1 = enable the SCP latch-off function for Channel 2.
0
SCP1_ON
R/W
The default value is programmed by factory fuse.
0 = disable the SCP latch-off function for Channel 1.
1 = enable the SCP latch-off function for Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com