Electronic Components Datasheet Search
  English  ▼

X  

ADP5050 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5050
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5050 Datasheet HTML 7Page - Analog Devices ADP5050 Datasheet HTML 8Page - Analog Devices ADP5050 Datasheet HTML 9Page - Analog Devices ADP5050 Datasheet HTML 10Page - Analog Devices ADP5050 Datasheet HTML 11Page - Analog Devices ADP5050 Datasheet HTML 12Page - Analog Devices ADP5050 Datasheet HTML 13Page - Analog Devices ADP5050 Datasheet HTML 14Page - Analog Devices ADP5050 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 11 of 60
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
PVIN1
PVIN1
SW1
4
SW1
5
BST1
6
DL1
7
PGND
TOP
VIEW
(Not to Scale)
ADP5050
25
BST4
26
PGND4
27
SW4
28
PVIN4
29
PVIN5
30
VOUT5
31
FB5
32
EN5
33
PVIN3
34
SW3
35
PGND3
36
BST3
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED AND
SOLDERED TO AN EXTERNAL GROUND PLANE.
8
DL2
9
BST2
10
SW2
11
SW2
12
PVIN2
Figure 4. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
BST3
High-Side FET Driver Power Supply for Channel 3.
2
PGND3
Power Ground for Channel 3.
3
SW3
Switching Node Output for Channel 3.
4
PVIN3
Power Input for Channel 3. Connect a bypass capacitor between this pin and ground.
5
EN5
Enable Input for Channel 5. An external resistor divider can be used to set the turn-on threshold.
6
FB5
Feedback Sensing Input for Channel 5.
7
VOUT5
Power Output for Channel 5.
8
PVIN5
Power Input for Channel 5. Connect a bypass capacitor between this pin and ground.
9
PVIN4
Power Input for Channel 4. Connect a bypass capacitor between this pin and ground.
10
SW4
Switching Node Output for Channel 4.
11
PGND4
Power Ground for Channel 4.
12
BST4
High-Side FET Driver Power Supply for Channel 4.
13
nINT
Interrupt Output on Fault Condition. Open-drain output port.
14
EN4
Enable Input for Channel 4. An external resistor divider can be used to set the turn-on threshold.
15
COMP4
Error Amplifier Output for Channel 4. Connect an RC network from this pin to ground.
16
FB4
Feedback Sensing Input for Channel 4.
17
VDDIO
Power Supply for the I2C Interface.
18
SDA
Data Input/Output for the I2C Interface. Open-drain I/O port.
19
SCL
Clock Input for the I2C Interface.
20
PWRGD
Power-Good Signal Output. This open-drain output is the power-good signal for the selected channels.
This pin can be programmed by the factory to set the I2C address of the part; the I2C address setting function
replaces the power-good function on this pin. For more information, see the I2C Addresses section.
21
FB2
Feedback Sensing Input for Channel 2.
22
COMP2
Error Amplifier Output for Channel 2. Connect an RC network from this pin to ground.
23
EN2
Enable Input for Channel 2. An external resistor divider can be used to set the turn-on threshold.
24, 25
PVIN2
Power Input for Channel 2. Connect a bypass capacitor between this pin and ground.
26, 27
SW2
Switching Node Output for Channel 2.
28
BST2
High-Side FET Driver Power Supply for Channel 2.
29
DL2
Low-Side FET Gate Driver for Channel 2. Connect a resistor from this pin to ground to program the current-limit
threshold for Channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com