Electronic Components Datasheet Search
  English  ▼

X  

ADP5050 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5050
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5050 Datasheet HTML 19Page - Analog Devices ADP5050 Datasheet HTML 20Page - Analog Devices ADP5050 Datasheet HTML 21Page - Analog Devices ADP5050 Datasheet HTML 22Page - Analog Devices ADP5050 Datasheet HTML 23Page - Analog Devices ADP5050 Datasheet HTML 24Page - Analog Devices ADP5050 Datasheet HTML 25Page - Analog Devices ADP5050 Datasheet HTML 26Page - Analog Devices ADP5050 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 23 of 60
SOFT START
The buck regulators in the ADP5050 include soft start circuitry
that ramps the output voltage in a controlled manner during
startup, thereby limiting the inrush current. The soft start time
is typically fixed at 2 ms for each buck regulator when the SS12
and SS34 pins are tied to VREG.
To set the soft start time to a value of 2 ms, 4 ms, or 8 ms, connect
a resistor divider from the SS12 or SS34 pin to the VREG pin and
ground (see Figure 49). This configuration may be required to
accommodate a specific start-up sequence or an application with
a large output capacitor.
LEVEL DETECTOR
AND DECODER
VREG
TOP
RESISTOR
BOTTOM
RESISTOR
SS12
OR
SS34
ADP5050
Figure 49. Level Detector Circuit for Soft Start
The SS12 pin can be used to program the soft start time and
parallel operation for Channel 1 and Channel 2. The SS34 pin
can be used to program the soft start time for Channel 3 and
Channel 4. Table 10 provides the values of the resistors needed
to set the soft start time.
Table 10. Soft Start Time Set by the SS12 and SS34 Pins
Soft Start Time
Soft Start Time
RTOP (kΩ) RBOT (kΩ) Channel 1 Channel 2 Channel 3 Channel 4
0
N/A
2 ms
2 ms
2 ms
2 ms
100
600
2 ms
Parallel
2 ms
4 ms
200
500
2 ms
8 ms
2 ms
8 ms
300
400
4 ms
2 ms
4 ms
2 ms
400
300
4 ms
4 ms
4 ms
4 ms
500
200
8 ms
2 ms
4 ms
8 ms
600
100
8 ms
Parallel
8 ms
2 ms
N/A
0
8 ms
8 ms
8 ms
8 ms
PARALLEL OPERATION
The ADP5050 supports two-phase parallel operation of Channel 1
and Channel 2 to provide a single output with up to 8 A of current.
To configure Channel 1 and Channel 2 as a two-phase single output
in parallel operation, do the following (see Figure 50):
•
Use the SS12 pin to select parallel operation as specified
in Table 10.
•
Leave the COMP2 pin open.
•
Use the FB1 pin to set the output voltage.
•
Connect the FB2 pin to ground (FB2 is ignored).
•
Connect the EN2 pin to ground (EN2 is ignored).
CHANNEL 1
BUCK REGULATOR
(4A)
CHANNEL 2
BUCK REGULATOR
(4A)
FB1
PVIN1
VOUT
(UP TO 8A)
VIN
EN1
EN2
COMP1
SS12
SW1
L1
FB2
SW2
L2
PVIN2
COMP2
VREG
Figure 50. Parallel Operation for Channel 1 and Channel 2
When Channel 1 and Channel 2 are operated in the parallel
configuration, configure the channels as follows:
•
Set the input voltages and current-limit settings for
Channel 1 and Channel 2 to the same values.
•
Operate both channels in forced PWM mode.
Bits pertaining to Channel 2 in the configuration registers
cannot be used. These bits include CH2_ON in Register 1,
VID2 in Register 3, OVP2_ON and SCP2_ON in Register 7,
PHASE2 in Register 8, and PWRG2 in Register 13.
Current balance in parallel configuration is well regulated by
the internal control loop. Figure 51 shows the typical current
balance matching in the parallel output configuration.
0
1
2
3
4
5
6
0
2
4
6
8
10
TOTAL OUTPUT LOAD (A)
CH1
CH2
IDEAL
Figure 51. Current Balance in Parallel Output Configuration,
VIN = 12 V, VOUT = 1.2 V, fSW = 600 kHz, FPWM Mode
STARTUP WITH PRECHARGED OUTPUT
The buck regulators in the ADP5050 include a precharged
start-up feature to protect the low-side FETs from damage
during startup. If the output voltage is precharged before the
regulator is turned on, the regulator prevents reverse inductor
current—which discharges the output capacitor—until the
internal soft start reference voltage exceeds the precharged
voltage on the feedback (FBx) pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com