Electronic Components Datasheet Search
  English  ▼

X  

ADP5050 Datasheet(PDF) 45 Page - Analog Devices

Part # ADP5050
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADP5050 Datasheet HTML 41Page - Analog Devices ADP5050 Datasheet HTML 42Page - Analog Devices ADP5050 Datasheet HTML 43Page - Analog Devices ADP5050 Datasheet HTML 44Page - Analog Devices ADP5050 Datasheet HTML 45Page - Analog Devices ADP5050 Datasheet HTML 46Page - Analog Devices ADP5050 Datasheet HTML 47Page - Analog Devices ADP5050 Datasheet HTML 48Page - Analog Devices ADP5050 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 45 of 60
REGISTER 6: OPT_CFG (FPWM/PSM MODE AND
OUTPUT DISCHARGE FUNCTION CONFIGURATION),
ADDRESS 0x06
Register 6 is used to configure the operational mode and the
discharge switch setting for Channel 1 to Channel 4. The
PSMx_ON bit setting for each channel is in effect when the
SYNC/MODE pin is high (or when SYNC/MODE is configured
as a clock input or output). When the SYNC/MODE pin is low,
all channels are forced to work in automatic PWM/PSM mode,
and the PSMx_ON settings in this register are ignored. The default
value for the output discharge function can be programmed by
factory fuse (output discharge function enabled or disabled for
all four buck regulators).
Table 29. Register 6 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DSCG4_ON
DSCG3_ON
DSCG2_ON
DSCG1_ON
PSM4_ON
PSM3_ON
PSM2_ON
PSM1_ON
Table 30. OPT_CFG Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
7
DSCG4_ON
R/W
The default value is programmed by factory fuse.
0 = disable output discharge function for Channel 4.
1 = enable output discharge function for Channel 4.
6
DSCG3_ON
R/W
The default value is programmed by factory fuse.
0 = disable output discharge function for Channel 3.
1 = enable output discharge function for Channel 3.
5
DSCG2_ON
R/W
The default value is programmed by factory fuse.
0 = disable output discharge function for Channel 2.
1 = enable output discharge function for Channel 2.
4
DSCG1_ON
R/W
The default value is programmed by factory fuse.
0 = disable output discharge function for Channel 1.
1 = enable output discharge function for Channel 1.
3
PSM4_ON
R/W
This bit is ignored when the SYNC/MODE pin is low.
0 = enable forced PWM mode for Channel 4 (default).
1 = enable automatic PWM/PSM mode for Channel 4.
2
PSM3_ON
R/W
This bit is ignored when the SYNC/MODE pin is low.
0 = enable forced PWM mode for Channel 3 (default).
1 = enable automatic PWM/PSM mode for Channel 3.
1
PSM2_ON
R/W
This bit is ignored when the SYNC/MODE pin is low.
0 = enable forced PWM mode for Channel 2 (default).
1 = enable automatic PWM/PSM mode for Channel 2.
0
PSM1_ON
R/W
This bit is ignored when the SYNC/MODE pin is low.
0 = enable forced PWM mode for Channel 1 (default).
1 = enable automatic PWM/PSM mode for Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com