Electronic Components Datasheet Search
  English  ▼

X  

ADP5050 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5050
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5050 Datasheet HTML 5Page - Analog Devices ADP5050 Datasheet HTML 6Page - Analog Devices ADP5050 Datasheet HTML 7Page - Analog Devices ADP5050 Datasheet HTML 8Page - Analog Devices ADP5050 Datasheet HTML 9Page - Analog Devices ADP5050 Datasheet HTML 10Page - Analog Devices ADP5050 Datasheet HTML 11Page - Analog Devices ADP5050 Datasheet HTML 12Page - Analog Devices ADP5050 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 9 of 60
I2C INTERFACE TIMING SPECIFICATIONS
TA = 25°C, VVDD = 3.3 V, VVDDIO = 3.3 V, unless otherwise noted.
Table 4.
Parameter
Min
Typ
Max
Unit
Description
fSCL
400
kHz
SCL clock frequency
tHIGH
0.6
µs
SCL high time
tLOW
1.3
µs
SCL low time
tSU,DAT
100
ns
Data setup time
tHD,DAT
0
0.9
µs
Data hold time1
tSU,STA
0.6
µs
Setup time for a repeated start condition
tHD,STA
0.6
µs
Hold time for a start or repeated start condition
tBUF
1.3
µs
Bus free time between a stop condition and a start condition
tSU,STO
0.6
µs
Setup time for a stop condition
tR
20 + 0.1CB2
300
ns
Rise time of SCL and SDA
tF
20 + 0.1CB2
300
ns
Fall time of SCL and SDA
tSP
0
50
ns
Pulse width of suppressed spike
CB2
400
pF
Capacitive load for each bus line
1
A master device must provide a hold time of at least 300 ns for the SDA signal (referred to the VIH minimum of the SCL signal) to bridge the undefined region of the
SCL falling edge.
2
CB is the total capacitance of one bus line in picofarads (pF).
Timing Diagram
S
S
P
Sr
S = START CONDITION
Sr = REPEATED START CONDITION
P = STOP CONDITION
SCL
SDA
tHD,DAT
tSU,DAT
tHD,STA
tSU,STA
tSU,STO
tHIGH
tR
tF
tF
tSP
tR
tLOW
tBUF
Figure 3. I2C Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com