Electronic Components Datasheet Search
  English  ▼

X  

IO4-168P Datasheet(PDF) 32 Page - Amphenol Corporation

Part # IO4-168P
Description  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P Datasheet(HTML) 32 Page - Amphenol Corporation

Back Button IO4-168P Datasheet HTML 28Page - Amphenol Corporation IO4-168P Datasheet HTML 29Page - Amphenol Corporation IO4-168P Datasheet HTML 30Page - Amphenol Corporation IO4-168P Datasheet HTML 31Page - Amphenol Corporation IO4-168P Datasheet HTML 32Page - Amphenol Corporation IO4-168P Datasheet HTML 33Page - Amphenol Corporation IO4-168P Datasheet HTML 34Page - Amphenol Corporation IO4-168P Datasheet HTML 35Page - Amphenol Corporation IO4-168P Datasheet HTML 36Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
28
CIRCUIT
BOARD
CIRCUIT
BOARD
DAUGHTER
BOARD
CONNECTOR
MOTHER BOARD
CONNECTOR
FULLY MATED
DAUGHTER BOARD CONNECTOR
DB connectors should be loosely held on the printed circuit board
prior to and during wave soldering. Care must be taken to ensure
that the board does not bow away from the center of the connector
during the soldering process. Also, especially on long length
daughter board connectors, care must be taken that the connector
does not bow on the circuit board. (Refer to Figure 5.)
Low Mating Force Connector Installation
LOCKING BUSHING ACCESSORY INSERTED INTO
PC CONNECTOR BODY
FIGURE 5: AVOID BOWING OF CIRCUIT BOARD
AND/OR CONNECTOR WHEN ASSEMBLING DB CONNECTOR
CIRCUIT BOARD
EDGE VIEW
DAUGHTERBOARD CONNECTOR
FACE VIEW
AVOID BOWING
OF CIRCUIT BOARD
AVOID BOWING
OF CONNECTOR
DAUGHTERBOARD CONNECTOR
SIDE VIEW
CIRCUIT BOARD
PC CONNECTOR
The PC connector should be loosely attached to the printed circuit
board prior to any soldering of contacts.
Locking bushing accessory, two per connector, may be inserted from
the back of a PC connector body into large mounting holes at each
end. See photo at right. Part number to order locking bushing
accessory for PC connectors is 10-411196-4.The 0.126 inch
diameter cross holes in the locking bushing must be aligned with the
0.126 inch diameter cross hole in the PC connector body. These
holes accept a 4–40 UNC-2A screw which should be long enough to
allow mounting to the board. Fasten with a suitable washer and nut,
making sure an appropriate washer is also under the head.
The front of the locking bushing has a 4–40 UNC-2B thread which
will mate with the locking bushing accessory of an
IO connector.
FIGURE 6: THREE TYPICAL MASKING APPLICATIONS FOR SOLDERING DB CONNECTORS
After soldering, mounting screws should be properly
torqued.
For cosmetic purposes, the board side of the DB
connector can be masked prior to wave soldering to
protect it from heat exposure and solder wash.
Acceptable masking may be accomplished with split
tubing, stainless steel, or Mystik Tape #7010 or #7367.
(Refer to Figure 6).
Printed wiring boards with DB connectors attached
should be inserted into the housing until firmly seated.
If possible, visual observation of the MB/DB mated
condition is recommended. The fully mated condition
occurs when the DB connector skirt bottoms on the MB
or PC connector shoulder along the full length. (Refer
to Figure 7).
Printed circuit boards should be supported in card
guides and locked in position when connectors are fully
mated.
FIGURE 7: MB CONNECTOR & DB CONNECTOR
IN FULLY MATED CONDITION
CIRCUIT
BOARD
APPLY TAPE TO
THIS SURFACE
DB CONNECTOR
SPLIT TUBING
(HIGH TEMPERATURE RESISTING ELASTOMER)
DB CONNECTOR
END
CIRCUIT BOARD
FORMED STAINLESS STEEL SHIELD
DB CONNECTOR
END
CIRCUIT BOARD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com