Electronic Components Datasheet Search
  English  ▼

X  

IO4-168P Datasheet(PDF) 33 Page - Amphenol Corporation

Part # IO4-168P
Description  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P Datasheet(HTML) 33 Page - Amphenol Corporation

Back Button IO4-168P Datasheet HTML 29Page - Amphenol Corporation IO4-168P Datasheet HTML 30Page - Amphenol Corporation IO4-168P Datasheet HTML 31Page - Amphenol Corporation IO4-168P Datasheet HTML 32Page - Amphenol Corporation IO4-168P Datasheet HTML 33Page - Amphenol Corporation IO4-168P Datasheet HTML 34Page - Amphenol Corporation IO4-168P Datasheet HTML 35Page - Amphenol Corporation IO4-168P Datasheet HTML 36Page - Amphenol Corporation IO4-168P Datasheet HTML 37Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
29
Low Mating Force Connector Installation
LOCKING SCREW ACCESSORY INSERTED INTO
IO CONNECTOR BODY
PC CONNECTOR, CONT.
The mounting surface to which the connector is applied
should not extend forward of the shoulder of the PC
connector. If the mounting surface does extend beyond
the shoulder, a shim (minimum 0.005 inch thick) must be
inserted between the connector body and the mounting
surface. (Refer to Figure 8). After soldering, mounting
screws should be properly torqued.
Fixturing of the PC connector and mounting surface may
be desirable to assure straightness after wave soldering.
INPUT/OUTPUT CONNECTOR
Use of mating hardware, such as locking screws, is recommended
with
I/O connectors. See photo at right. Locking screw accessory, two
per connector, may be inserted into the large holes at each end of the
back of an
IO
connector body. Part number to order locking screw
accessory is 10-411196-4. By hand, press the locking screw firmly
down into the cavity until it reaches a positive stop. The locking screw
is then captivated in the retention system of the cavity. The front of
the locking screw has a 4-40 UNC-2A thread which will mate with the
locking bushing accessories of MB or PC connectors. (Refer to Figure
9 for I/O locking screw dimensions).
Should it be necessary to remove the captivated locking screw
accessory, push the screw as far forward as possible. Using vise grip
pliers to grasp the threaded end and pliers to hold the knurled end,
apply torque until the locking screw breaks in two. Each half will then
drop out.
Alternate Mounting Variation for Input/Output Connectors
For fixed mounting, a 6-32 thread forming screw, type AB (MS5186)
may be inserted through the mounting member and into the holes at
each end of the connector body from the back. The screws must be
used with suitable washers and must be of sufficient length to
penetrate the connector body 0.350 inch. Care must be taken not to
over-tighten the screws.
FIGURE 8: PC CONNECTOR MOUNTING
FIGURE 9: I/O LOCKING SCREW DIMENSIONS
Visual observation of the mating of the MB connector to the I/O
connector or the PC connector to the I/O connector is recommend-
ed. The fully mated condition occurs when the
I/O connector skirt
bottoms on the MB or PC shoulder along the full length. (Refer to
Figure 10).
INPUT/OUTPUT
CONNECTOR
MATING
CONNECTOR
LOCKING SCREW
(2 PER CONNECTOR)
MAX. 0.650 INCH
WHEN FULLY
ASSEMBLED TO
MATING
CONNECTOR
Printed circuit boards containing PC connectors that
are mating with
I/O connectors should utilize a
holding device that is capable of locking the board
in place to prevent back-off during use.
FIGURE 10: MB CONNECTOR & I/O CONNECTOR
FULLY MATED CONDITION
MOTHER
BOARD
CONNECTOR
FULLY MATED
INPUT/
OUTPUT
CONNECTOR
CIRCUIT
BOARD
CIRCUIT BOARD
USE A
0.005 INCH
SHIM OR
WASHER
IF MOUNTING
SURFACE EXTENDS
BEYOND SHOULDER OF
CONNECTOR
CIRCUIT BOARD
PC
CONNECTOR
SHOULDER
PC
CONNECTOR
SHOULDER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com