Electronic Components Datasheet Search
  English  ▼

X  

IO4-168P Datasheet(PDF) 24 Page - Amphenol Corporation

Part # IO4-168P
Description  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P Datasheet(HTML) 24 Page - Amphenol Corporation

Back Button IO4-168P Datasheet HTML 20Page - Amphenol Corporation IO4-168P Datasheet HTML 21Page - Amphenol Corporation IO4-168P Datasheet HTML 22Page - Amphenol Corporation IO4-168P Datasheet HTML 23Page - Amphenol Corporation IO4-168P Datasheet HTML 24Page - Amphenol Corporation IO4-168P Datasheet HTML 25Page - Amphenol Corporation IO4-168P Datasheet HTML 26Page - Amphenol Corporation IO4-168P Datasheet HTML 27Page - Amphenol Corporation IO4-168P Datasheet HTML 28Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
20
A
C
.185
+.005
–.002
J
-Y-
.132
±.020
.100
DIA.
.021±.002
.020 M
Z M MINUS .012
Y
B
.126
+.004
–.002
.100
.200
.012 M
-Z-
X
.365
+.002
–.007
.193 MAX.
.365
.410
.105
USE #4
MOUNTING
SCREW
4-40
UNC-2B
LOCKING BUSHING
FOR MATING WITH INPUT/
OUTPUT CONNECTOR,
ACCESSORY ITEM **
Low Mating Force
PC connector
MATES WITH DB AND
IO SERIES CONNECTORS
Notes:
When mating with DB connector, a total of .035 inch minimum radial pilot
is available for connector body alignment.
All dimensions for reference only.
Polarization keys are not supplied as part of PC Connector Series
assemblies. See Accessories How to Order, page 5 and further
description, page 24.
** Locking busings are not supplied as part of PC Connector Series
assembles. See Accessories How to Order, page 5, and further
description, page 28.
Designates Basic Dimension
Contact Data
Description
Termination
Style
Letter
Arrangement
Row
J
+.035
–.025
Round PCB
Stud, 90°
Solder
Termination
P
A
.095
P
B
.095
P
C
.095
P
D
.095
P-(714)
A
.150
P-(714)
B
.150
P-(714)
C
.150
P-(714)
D
.150
NOTE: Other variations available - see pages 4 and 5, or
consult Amphenol Aerospace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com