Electronic Components Datasheet Search
  English  ▼

X  

IO4-168P Datasheet(PDF) 41 Page - Amphenol Corporation

Part # IO4-168P
Description  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P Datasheet(HTML) 41 Page - Amphenol Corporation

Back Button IO4-168P Datasheet HTML 36Page - Amphenol Corporation IO4-168P Datasheet HTML 37Page - Amphenol Corporation IO4-168P Datasheet HTML 38Page - Amphenol Corporation IO4-168P Datasheet HTML 39Page - Amphenol Corporation IO4-168P Datasheet HTML 40Page - Amphenol Corporation IO4-168P Datasheet HTML 41Page - Amphenol Corporation IO4-168P Datasheet HTML 42Page - Amphenol Corporation IO4-168P Datasheet HTML 43Page - Amphenol Corporation IO4-168P Datasheet HTML 44Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
37
Other Brush Contact Rectangular Connectors
Ruggedized, Non-Floating Brush Rack and Panel
Connectors
This new connector series utilizes Amphenol’s durable and reliable B3 contact system
in a rugged, non-floating Rack and Panel connector. Included in this series are digital
and power/digital “hybrid” insert arrangements.
Standard Ruggedized, Non-
floating Brush Rack and Panel
Connector Features include:
126 high performance B
•
3
brush contacts
0.100 inch x 0.100 inch
•
square grid footprint
Environmentally sealed at
•
connector interface with
mated (optional feature)
Environmentally sealed
•
connector mounting interface
EMI protection is available at
•
mounting surfaces and
connector interface
ESD protection is available
•
- allows use of Class 3
hardened chips (4KV max.
voltage)
BACKPLANE CONNECTOR
MODULE CONNECTOR
Standard Ruggedized Brush Rack and Panel
Connector Performance:
Durability:
500 mating cycles
•
Insertion/Extraction
•
Force:
7 lbs. typical
Operating Temp.:
–60° to +125°C
•
Current Rating:
3 amperes
•
Hot swap 1 ampere maximum (load
dependant) - non ESD protected version
Insulation Resistance:
1 gagohm minimum
•
Dielectric
•
Withstanding Voltage: 500V, 60 Hz RMS @ sea level
300V, 60 Hz RMS @ 15,000 ft. elevation
Solderability:
J-STD-004, -005 & -006
•
Salt Fog:
EIA-364-26B, test condition B
•
Humidity:
EIA-364-31B, test method III
•
Vibration:
EIA-364-28B, test condition III
•
Shock:
EIA-364-27B, test condition G
•
Hybrid arrangements are available as shown in top photo at right, that
utilize a combination of brush contacts and high power RADSOK®
contacts. The photo shows a 74 signal and 6 power configuration. For
other hybrid arrangements and assistance on how to order this
product, consult Amphenol Aerospace.
HYBRD RUGGEDIZED, NON-FLOATING
RACK & PANEL CONNECTOR
(8 RADSOK® HIGH POWER CONTACTS, 72 BRUSH CONTACTS)
2 BAY SHELL CONFIGURATION
RUGGEDIZED, NON-FLOATING RACK AND PANEL CONNECTOR
(126 BRUSH CONTACTS PER BAY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com