Electronic Components Datasheet Search
  English  ▼

X  

IO4-168P Datasheet(PDF) 11 Page - Amphenol Corporation

Part # IO4-168P
Description  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button IO4-168P Datasheet HTML 7Page - Amphenol Corporation IO4-168P Datasheet HTML 8Page - Amphenol Corporation IO4-168P Datasheet HTML 9Page - Amphenol Corporation IO4-168P Datasheet HTML 10Page - Amphenol Corporation IO4-168P Datasheet HTML 11Page - Amphenol Corporation IO4-168P Datasheet HTML 12Page - Amphenol Corporation IO4-168P Datasheet HTML 13Page - Amphenol Corporation IO4-168P Datasheet HTML 14Page - Amphenol Corporation IO4-168P Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
7
Front of
Mother Board
Connector,
Rear of
Input/Output
Connector,
Front of
Printed Circuit
Connector
3 ROW
10 per Row
Total
Contacts
AA
30
.900
45
1.400
60
1.900
75
2.400
90
2.900
105
3.400
120
3.900
135
4.400
150
4.900
165
5.400
180
5.900
195
6.400
210
6.900
225
7.400
240
7.900
255
8.400
270
8.900
285
9.400
300
9.900
Low Mating Force Rectangular Connectors
contact arrangements, cont.
Rear of 90°
Daughter Board
Connector,
Daughter Board
Hole Pattern
at F
Rear of 90°
Printed Circuit
Connector,
Hole Pattern
at G
Front of
Mother Board
Connector,
Rear of
Input/Output
Connector,
Front of
Printed Circuit
Connector
Rear of 90°
Daughter Board
Connector,
Daughter Board
Hole Pattern
at F
Rear of 90°
Printed Circuit
Connector,
Hole Pattern
at G
Designates Basic Dimension.
Consult Amphenol drawing for solderless wrap contact fixturing (datum)
hole locations to facilitate connector alignment.
4 ROW
10 Per Row
Total
Contacts
AA
40
.900
60
1.400
80
1.900
100
2.400
120
2.900
140
3.400
160
3.900
180
4.400
200
4.900
220
5.400
240
5.900
260
6.400
280
6.900
300
7.400
320
7.900
340
8.400
360
8.900
380
9.400
400
9.900
2 PLACES
.5375
.100
.100 TYP
B
A
1
1
C1
AA
.100 TYP
MOUNTING FEATURE
2 PLACES
TYP
2 PLACES
.5375
.150
.100 TYP
D
C
B
A
1
1
1
1
AA
.100 TYP
MOUNTING FEATURE
2 PLACES
2 PLACES
.100 TYP
C1
B1
A1
AA
.100
MOUNTING FEATURE
2 PLACES
F
.100 TYP
.225
TYP
2 PLACES
.5375
.200 TYP
.100 TYP
A1
B1
C1
AA
.100 TYP
MOUNTING
FEATURE
2 PLACES
G
2 PLACES
.100 TYP
D1
C1
B1
A1
AA
.100
MOUNTING FEATURE
2 PLACES
F
.100 TYP
.225
2 PLACES
.5375
.200 TYP
.100 TYP
A1
B1
C1
D1
AA
.100 TYP
MOUNTING
FEATURE
2 PLACES
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com