Electronic Components Datasheet Search
  English  ▼

X  

IO4-168P Datasheet(PDF) 16 Page - Amphenol Corporation

Part # IO4-168P
Description  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P Datasheet(HTML) 16 Page - Amphenol Corporation

Back Button IO4-168P Datasheet HTML 12Page - Amphenol Corporation IO4-168P Datasheet HTML 13Page - Amphenol Corporation IO4-168P Datasheet HTML 14Page - Amphenol Corporation IO4-168P Datasheet HTML 15Page - Amphenol Corporation IO4-168P Datasheet HTML 16Page - Amphenol Corporation IO4-168P Datasheet HTML 17Page - Amphenol Corporation IO4-168P Datasheet HTML 18Page - Amphenol Corporation IO4-168P Datasheet HTML 19Page - Amphenol Corporation IO4-168P Datasheet HTML 20Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
12
.096
DIA. 2 SIDES
+.005
–.000
.010 M
-D-
.115
.285
B
AA
A
±.005
C
H
.220 x .075 DEEP
2 PLACES
(FOR HEX NUT .187 MAX. ACROSS
FLATS, .205 MIN. ACROSS CORNERS)
.020 M
D M MINUS .010
Y
.115
-Y-
J
.075
+.005
–.000
K
C
±.005
.056
H
CENTER OF ROW A CONTACTS
REF
Low Mating Force
daughter board connector
Contact Data
Description
Termination
Style
Letter
Arrangement
Row
J
±.020
K
±.002
Round PCB
Stud, 90°
Solder
Termination
P
A
.085
.021 Dia.
P
B
.085
.021 Dia.
P
C
.085
.021 Dia.
P
D
.085
.021 Dia.
P-(705)
A
.120
.021 Dia.
P-(705)
B
.120
.021 Dia.
P-(705)
C
.120
.021 Dia.
P-(705)
D
.120
.021 Dia.
P-(709)
A
.300
.021 Dia.
P-(709)
B
.300
.021 Dia.
P-(709)
C
.300
.021 Dia.
P-(709)
D
.300
.021 Dia.
NOTE: Other variations available - see pages 4 and 5, or consult
Amphenol Aerospace.
MATES WITH MB AND PC SERIES CONNECTORS
Notes:
When mating with MB or PC connector, a total of .035 inch minimum
radial pilot is available for connector body alignment.
All dimensions for reference only.
Polarization keys are not supplied as part of DB Connector Series
assemblies. See Accessories How to Order, page 5 and further
description, page 24.
Designates Basic Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com