Electronic Components Datasheet Search
  English  ▼

X  

IO4-168P Datasheet(PDF) 6 Page - Amphenol Corporation

Part # IO4-168P
Description  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button IO4-168P Datasheet HTML 2Page - Amphenol Corporation IO4-168P Datasheet HTML 3Page - Amphenol Corporation IO4-168P Datasheet HTML 4Page - Amphenol Corporation IO4-168P Datasheet HTML 5Page - Amphenol Corporation IO4-168P Datasheet HTML 6Page - Amphenol Corporation IO4-168P Datasheet HTML 7Page - Amphenol Corporation IO4-168P Datasheet HTML 8Page - Amphenol Corporation IO4-168P Datasheet HTML 9Page - Amphenol Corporation IO4-168P Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
2
STANDARD FOUR BODY STYLES
Mother Board Connector (MB)
also can be referred to as a “Back-
plane” Connector
Straight PCB stud or Wire wrap
•
termination
Mates with: Daughter board or
•
I/O
connectors
Daughter Board Connector (DB)
also can be referred to as a “Module
Connector”
90° PCB stud
•
Mates with: Mother board or PC
•
connectors
Printed Circuit Connector (PC)
also can be referred to as a “Right
Angle Mother board Connector or a
”Card Extender Connector”
90° PCB stud
•
Mates with:
•
I/O or Daughter board
connectors
Input/Output Connector (
I/O)
also can be referred to as a “Cable
Connector”
• I/O-C has rear removable crimp
contacts
• I/O-P has round PCB stud solder
contacts
Mates with: Mother board or PC
•
connectors
DB to MB
MB to
I/O-C
MB to
I/O-P
PC to DB
PC to
I/O-C
Mating Boards at Right Angles
Discrete Wires to PCB
Mating Parallel Boards
Mating Boards End to End
Discrete Wires to PCB
2
Low Mating Force Rectangular Connectors
selecting the correct mated connection
PC I/O-C
PRINTED CIRCUIT
BOARD
BRUSH
CONNECTORS
INDIVIDUAL
WIRES
PRINTED CIRCUIT
BOARDS
BRUSH
CONNECTORS
DB
PC
BRUSH
CONNECTORS
INDIVIDUAL
WIRES
PRINTED
CIRCUIT
BOARD
MB
I/O-C
BRUSH
CONNECTORS
PRINTED
CIRCUIT
BOARDS
MB
I/O-P
PRINTED
CIRCUIT
BOARDS
BRUSH
CONNECTORS
MB
DB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com