Electronic Components Datasheet Search
  English  ▼

X  

IO4-168P Datasheet(PDF) 38 Page - Amphenol Corporation

Part # IO4-168P
Description  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P Datasheet(HTML) 38 Page - Amphenol Corporation

Back Button IO4-168P Datasheet HTML 34Page - Amphenol Corporation IO4-168P Datasheet HTML 35Page - Amphenol Corporation IO4-168P Datasheet HTML 36Page - Amphenol Corporation IO4-168P Datasheet HTML 37Page - Amphenol Corporation IO4-168P Datasheet HTML 38Page - Amphenol Corporation IO4-168P Datasheet HTML 39Page - Amphenol Corporation IO4-168P Datasheet HTML 40Page - Amphenol Corporation IO4-168P Datasheet HTML 41Page - Amphenol Corporation IO4-168P Datasheet HTML 42Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
34
Other Brush Contact Rectangular Connectors
Docking Connectors
with (.0787 inch X .100 inch) staggered grid spacing
BRUSH CONTACT CONNECTORS MAKE THE IDEAL
CHOICE FOR FREQUENT DOCKING APPLICATIONS
When frequent docking to charge and transfer data is a
necessity, the brush contact system offers high
performance of over 100,000 mating cycles. This long
contact life without degradation in performance
provides customers with reliability in frequent docking
applications such as:
Performance
Durability: . . . . . . . . Up to 100,000 mating cycles
Insertion/Extraction Force:. 1.5 ounce typical per contact
Operating Temperature:
.
-65° to 125°C
Current Rating:
. . . . . Up to 5 amperes (termination dependent)
Hot swap 1 ampere maximum (load
dependent)
Data Rate
(Select connectors only): .
Configurable for 3.125 Gbps differential signal
Insulation Resistance:. . . 5 gigaohms minimum
Dielectric Withstanding
Voltage: . . . . . . . . . 750 volts @ sea level minimum
250 volts @ 70,000 feet elevation min.
Solderability: . . . . . . . MIL-STD-202, method 208
Salt Fog: . . . . . . . . 48 hours IAW MIL-STD-1344, method
1002, type II
Humidity: . . . . . . . . IAW MIL-STD-1344, method 1002, type II
Vibration: . . . . . . . . 4 hours in each of 3 mutually perpendicular
axes IAW MIL-STD-1344, method 2004, test
condition G
Shock: . . . . . . . . . 1 shock along each of three mutually
perpendicular axes IAW MIL-STD-1344,
method 2004, test condition G
Features
Radial Misalignment: . . . Capable of correcting up to a .040” initial
radial misalignment
Angular Misalignment: . .
Capable of mating with up to a 4° initial
angular misalignment
Polarization: . . . . . . . “D” shaped interface
Color: . . . . . . . . . . Standard is black, variety of other colors are
available
Materials
Insulator: . . . . . . . .
Glass-filled thermoplastic molding
Contact:
Wire . . . . .
Beryllium copper per ASTM B197; finish is
gold per ASTM B488 over nickel per AMS-
QQ-N-290
Holder . . . .
Brass similar to UNS C33500; finish is gold
per MIL-G-45204 or tin-lead per MIL-P-81728
or tin per MIL-T-10727 (RoHS compliant
Sleeve: . . . . Stainless steel per AMS-5514,
passivated IAW QQ-P-35
(DB and I/O connectors only)
Amphenol offers Docking Connectors in a compact
size, with tighter spaced custom brush contacts
(.0787 inch x .100 inch staggered grid spacing).
• Handheld GPS units
• Handheld radios
• Rugged computers
• Controllers
• Scanners
• Accessories
• Cellular phones
2.165
1.056
.486
.079
.551
.021 ±.002 DIA.
.250
1.614
.100
.0787
.276
± .005 DIA.
.100
.0394
1.413
1.180
.461
.512
.059
.021
±.002 DIA.
.0787
Mother Board Docking Connector
Daughter Board Docking Connector
For more information, including how to order, consult
Amphenol Aerospace. Call 800-678-0141 and ask for Amphenol
board level product marketing for assistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com